Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR-R4-1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CR-R4-1
Description  Knobs Specifications Table
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CR-R4-1 Datasheet(HTML) 1 Page - Multicomp Pro

  CR-R4-1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
04/03/20
Knobs
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp is the registered trademark of Premier Farnell Limited 2019.
Specifications Table
Description
External
Length/Height
Colour
Shaft Type
Shaft
Diameter
Knob
Diameter
Part Number
ABS Push on Knob
19.2mm
Red
D Shaft
6mm
17mm
CP-WB-D-1
Yellow
CP-WB-D-2
Blue
CP-WB-D-3
Green
CP-WB-D-4
Soft Touch Push on Knob
18mm
Red
Splined Shaft
12mm
CR-MS-1
Yellow
CR-MS-2
Blue
CR-MS-3
Green
CR-MS-4
16mm
Grey/Red
D Shaft
13.2mm
CR-R4-1
Grey/Blue
CR-R4-3
Grey/Green
CR-R4-4
Grey/Grey
CR-R4-5
Grey/Black
CR-R4-6
Black/White
CR-R4-7
18mm
Grey
Splined Shaft
12mm
CR-MS-5


Similar Part No. - CR-R4-1

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CR-R4-1C5-0D MULTICOMP-CR-R4-1C5-0D Datasheet
406Kb / 1P
Knob
09/10/12
More results

Similar Description - CR-R4-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN016-GRX ETC1-45KN016-GRX Datasheet
78Kb / 1P
Rotary Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-KB100 ETC2-450-KB100 Datasheet
146Kb / 1P
Knobs
450-KLN510 ETC2-450-KLN510 Datasheet
72Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com