Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP195D10 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP195D10
Description  SAW Delay Lines Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP195D10 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP195D10 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
SP195D10 SAW Delay Lines Electrical Characteristic
Parameter 
Unit  Minimum  Typical 
Maximum 
Center Frequency 
MHz 
194 
195 
196 
Insertion Loss 
dB 
 
23 
26 
3 dB Bandwidth 
MHz 
 25.0 
29.5 
  
30dBBandwidth 
MHz 
 
43 
45 
Passband variation 
dB 
 
0.6  
1.5 
G
roup Delay variation  nsec 
 
30 
100 
G
roup Delay  
usec 
9.95 
10 
10.05 
Ultimate Rejection 
dB 
30 
33 
 
Substrate Material 
 
YZ LN 
Ambient Temperature 
°C 
25 
Package Size 
 72mmX19.8mm 
SP195D10 SAW Delay Lines Typical Performance
Package(input:4 ,output:11,ground :others pin )
150
160
170
180
190
200
210
220
230
240
-100
-90
-80
-70
-60
-50
-40
-30
-20
Type performance
Frequency(MHz)


Similar Part No. - SP195D10

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP195D10 SIPAT-SP195D10 Datasheet
22Kb / 1P
SAW Delay Lines Electrical Characteristic
More results

Similar Description - SP195D10

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
SP835D15 SIPAT-SP835D15 Datasheet
25Kb / 1P
SAW Delay Lines Electrical Characteristic
SP835D20 SIPAT-SP835D20 Datasheet
25Kb / 1P
SAW Delay Lines Electrical Characteristic
SP835D25 SIPAT-SP835D25 Datasheet
26Kb / 1P
SAW Delay Lines Electrical Characteristic
SP195D10 SIPAT-SP195D10 Datasheet
22Kb / 1P
SAW Delay Lines Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com