Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP233 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP233
Description  PHS First IF Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP233 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP233 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP233
Rev. Date
2009-02-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
233MHz SAW Filter
0.5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: SP233
Features
For IF SAW filter
High attenuation
Single-ended operation
Dual In-line Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
233.1
233.15
233.2
Insertion Loss
dB
-
14.2
15
3 dB Bandwidth
MHz
0.47
0.53
-
Passband Variation
dB
-
0.1
-
Group Delay Variation(f0±0.2MHz)
nsec
-
160
300
Absolute Delay
usec
-
1.31
-
Ultimate Rejection
dB
18
21
-
Material Temperature coefficient
KHz/°C
Qz
Substrate Material
-
0.233
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SC04-01
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - SP233

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP233 SIPAT-SP233 Datasheet
162Kb / 3P
233MHz SAW Filter 0.5MHz Bandwidth
SP233 SIPAT-SP233 Datasheet
162Kb / 3P
233MHz SAW Filter 0.5MHz Bandwidth
logo
Sipex Corporation
SP233A SIPEX-SP233A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP233A SIPEX-SP233A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP233A SIPEX-SP233A Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP233

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP361 SIPAT-SP361 Datasheet
123Kb / 1P
DECT First IF Filters
SP1106 SIPAT-SP1106 Datasheet
60Kb / 1P
DECT First IF Filters
SP-233 SIPAT-SP-233 Datasheet
38Kb / 1P
PHS First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
SP361 SIPAT-SP361 Datasheet
124Kb / 1P
DECT First IF Filters
SP364 SIPAT-SP364 Datasheet
124Kb / 1P
DECT First IF Filters
logo
Oscilent Corporation
802-RF243.95M-C OSCILENT-802-RF243.95M-C Datasheet
199Kb / 6P
PHS, IF SAW Filter
862-RF243.95M-A OSCILENT-862-RF243.95M-A Datasheet
242Kb / 6P
PHS, IF SAW Filter
803-RF243.95M-A OSCILENT-803-RF243.95M-A_14 Datasheet
336Kb / 7P
PHS, IF SAW Filter
803-RF243.95M-B OSCILENT-803-RF243.95M-B_14 Datasheet
186Kb / 4P
PHS, IF SAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com