Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1CPS Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 1CPS
Description  Cable Pull Safety Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1CPS Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  1CPS Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1CPS Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
•
Safety Products for Machine Safeguarding •
3
© Honeywell International Inc. - April 2003
B
3
4
78
Indicator-Pilot Light Code
3 NORMALLY CLOSED/
4 NORMALLY CLOSED
1 NORMALLY OPEN
X
A
A : 24 V LED
B : 120 V LED
22
21
14
13
22
21
11
12
21-22
13-14
11-12
21-22
12,7
(0.50)
A
B
C
D
E
7,9
(0.31)
3,8
(0.15)
12,7
(0.50)
7,9
(0.31)
3,8
(0.15)
0
*9,9
(0.39)
*9,9
(0.39)
F
G
H
12
22
21
11
12
22
21
11
11-12
21-22
11-12
21-22
12,7
(0.50)
A
B
C
D
E
7,9
(0.31)
3,8
(0.15)
12,7
(0.50)
7,9
(0.31)
3,8
(0.15)
0
*9,9
(0.39)
*9,9
(0.39)
F
G
H
21
22
11
12
13
14
21
22
I
#6-32 UNC
11
I
12
11
12
21
22
21
22
#6-32 UNC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com