Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AC6 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # 2AC6
Description  MICRO SWITCH™ AC Series Door Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2AC6 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button 2AC6 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 12Page - Honeywell Solid State Electronics Center 2AC6 Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
sensing.honeywell.com
MICRO SWITCH™ Door Switches
Figure 7. MICRO SWITCH™ 8AC9
Figure 8. MICRO SWITCH™ 13AC1
Figure 9. MICRO SWITCH™ 17AC1-T
Positive overtravel stop
is provided on rod
under spring
Ø 6,35 mm max.
[Ø 0.25 in max.]
Ø 4,77 mm max.
[Ø 0.188 in max.]
Flexible insulators
20,61 mm
[0.812 in]
47,7 mm [1.88 in]
3,17 mm [0.125 in] max. depressed position
5,15 mm [0.203 in] min. operating position
9,52 mm [0.375 in] max. free position
2,8 mm [0.11 in]
4,83 mm [0.19 in]
31,0 mm
[1.22 in]
0.058 dia. hole in
terminals
(2) 6-32 UNC thread
(2) 6-32 UNC thread
Ø 6,35 mm max.
[Ø 0.25 in max.]
11,09 mm
[0.437 in]
5,53 mm
[0.218 in]
hole in
bracket
CL
7,62 mm
[0.30 in]
40,3 mm
[1.59 in]
25,4 mm
[1.0 in]
12,7 mm
[0.5 in]
8,6 mm
[0.34 in]
15,0 mm
[0.59 in]
16,5 mm
[0.65 in]
Push to operate-returns automatically
to position shown.
Pull to operate-remains in operated position
until reset for automatic return
by next full-stroke “push” operation
4,54 mm
[0.179 in]
11SM357-T basic switch (4)
6,35 mm
[0.25 in]
Ø 6,35 mm
[Ø 0.25 in]
before knurl
45,97 mm
[1.81 in]
12,7 mm
[0.50 in]
Flexible insulator
3X 4-40 NC x 0.125 in
round head terminal screws
and lockwashers
Positive overtravel stop
is provided on rod
under spring
15,9 mm [0.625 in] max. free position
12,3 mm [0.485 in] min. operating position
6,68 mm [0.263 in] max. depressed position
48,2 mm
[1.90 in]
Push to operate-returns automatically
to position shown.
Push and turn (approximately 60° clockwise)
to latch. Remains in operated position
until reset for automatic return
by next push operation
2X 6-32 UNC Thread
V3-13 basic switch
38,07 mm ±0,25 mm
[1.50 in ±0.01 in]
Rivets flush or
underflush
3X 6-32 UNC Thread
Hole in
bracket
6-32 UNC-2B
Thread X
0.375 min.
Place label on
this surface
12,05 mm [0.475 in] max. latched position
8,25 mm [0.325 in] min. unlatch position
15,2 mm
[0.6 in]
Ø 4,75 mm
[Ø 0.187 in]
7,9 mm
[0.31 in]
40,4 mm
[1.592 in]
5,1 mm
[0.20 in]
4,1 mm
[0.16 in]
8,68 mm
[0.342 in]
19,0 mm ±0,25 mm
[0.75 in ±0.01 in]
30,0 mm
[1.182 in]
Ø 2,79 mm
[Ø 0.11 in]
Ø 1,27 mm
[Ø 0.05 in]
9,01 mm max.
[0.355 in max.]
1,47mm
[0.058 in]
4,8 mm
[0.19 in]
4,8 mm
[0.19 in]
8,88 mm ±0,51 mm
[0.350 in ±0.02 in]
Flexible insulator
Positive overtravel stop
is provided on plunger
under spring
Push to operate-returns automatically
to position shown.
Pull to operate-remains in operated position
until next full-stroke by plunger
9,53 mm [0.375 in] max. free position
5,58 mm [0.220 in] min. operating position
4,44 mm [0.175 in] max. depressed position
38,8 mm ±0,76 mm [1.53 in ±0.03 in]
5,84 mm ±0,25 mm
[0.230 in ±0.01 in]
11,09 mm
[0.437 in]
6,6 mm
[0.26 in]
9,91 mm
[0.39 in] 14,67 mm
[0.578 in]
4-48 UNF-28 (3)
6,6 mm
[0.26 in]
8,6 mm
[0.34 in]
24,9 mm [0.98 in]
28 mm [1.1 in]
11SM1-T basic switch (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com