Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22AC2. Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # 22AC2.
Description  MICRO SWITCH™ AC Series Door Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

22AC2. Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 22AC2. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 10Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 11Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 12Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 13Page - Honeywell Solid State Electronics Center 22AC2. Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
sensing.honeywell.com
MICRO SWITCH™ Door Switches
Figure 13. MICRO SWITCH™ 23AC2
Figure 14. MICRO SWITCH™ 23AC81
Figure 15. MICRO SWITCH™ 24AC1
2X 6-32 UNC Thread
6,35 mm [0.25 in]
Hole in bracket
Ø 6,35 mm
[Ø 0.25 in]
13,2 mm
[0.52 in]
45,9 mm
[1.81 in]
38,07 mm
[1.5 in]
19,03 mm
[0.75 in]
8,70 mm
[0.343 in]
4,06 mm
[0.16 in]
3X 6-32 NC Thread
4-40 UNC Thread
9,52 mm [0.375 in] min.
Ø 6,35 mm max.
[Ø 0.25 in max.]
Flexible insulator
3X 4-40 NC x 0.125 in round head
terminal screw and lockwasher
Positive overtravel stop is
provided on rod under spring
Ø 4,75 mm [Ø 0.186 in]
2,79 mm ±0,76 mm
[0.11 in ±0.03 in]
7,9 mm [0.31 in]
40,4 mm [1.59 in]
9,52 mm [0.375 in] max. free position
5,15 mm [0.203 in] min. operating position
3,17 mm [0.125 in] max. depressed position
47,7 mm [1.88 in]
33,8 mm [1.33 in]
15,2 mm
[0.6 in]
Push to operate-returns automatically
to position shown.
Pull to operate-remains in operated
position until reset for automatic return
by next full-stroke “push” operation
1.500
CL
2X 6-32 UNC Thread
6,35 mm [0.25 in]
Hole in bracket
Ø 6,35 mm
[Ø 0.25 in]
13,2 mm
[0.52 in]
45,9 mm
[1.81 in] 38,1 mm
[1.5 in]
19,03 mm
[0.75 in]
8,70 mm
[0.343 in]
4,06 mm
[0.16 in]
3X 6-32 NC Thread
4-40 UNC Thread
9,52 mm [0.375 in] min.
Ø 6,35 mm max.
[Ø 0.25 in max.]
Flexible insulator
3X 4,75 mm W x 0.51 mm T
[0.187 in W x 0.020 in T]
quick connect terminals
Positive overtravel stop is
provided on rod under spring
Ø 4,75 mm [Ø 0.186 in]
7,9 mm [0.31 in]
40,4 mm [1.59 in]
9,52 mm [0.375 in] max. free position
5,15 mm [0.203 in] min. operating position
3,17 mm [0.125 in] max. depressed position
42,67 mm [1.68 in]
30,99 mm [1.22 in]
12,7 mm
[0.5 in]
Push to operate-returns automatically
to position shown.
Hole in bracket
3,56 mm [0.14 in]
Ø 6,35 mm max.
[Ø 0.25 in max.]
Flexible
insulators
9,52 mm [0.375 in] max. free position
4,77 mm [0.188 in] max. pretravel
3,17 mm [0.125 in] max. depressed position
47,7 mm
[1.88 in]
Push to operate-returns automatically
to position shown.
Pull to operate-remains in operated
position until reset for automatic return
by next full-stroke “push” operation
Positive overtravel stop
is provided on rod
under spring
6X 4-40 NC x 0.125 in
round head terminal screws
and lockwashers
2X V3-13 basic switch
Ø 6,35 mm
[Ø 0.25 in]
31 mm
[1.22 in]
4,826 mm [0.19 in]
2,79 mm [0.11 in]
4,72 mm
[0.186 in]
2X 6-32 UNC Thread
5,53 mm [0.218 in]
Rivets flush or
underflush
2X 6-32 UNC Thread
46,0 mm
[1.812 in]
4,54 mm ±0,25 mm
[0.179 in ±0.01 in]
20,61 mm
[0.812 in]
40,4 mm
[1.594 in]
11,07 mm ±0,25 mm
[0.436 in ±0.01 in]
7,03 mm ±0,25 mm
[0.277 in ±0.01 in]
13,2 mm [0.52 in]
6,75 mm [0.266 in]
6,75 mm [0.266 in]
53,05 mm
[2.09 in]
23,0 mm
[0.906 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com