Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML11B Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # AML11B
Description  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11B Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button AML11B Datasheet HTML 9Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 10Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 11Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 12Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 13Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 14Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 15Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 16Page - Honeywell Solid State Electronics Center AML11B Datasheet HTML 17Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
AML45 Solid state LED annunciators*
AML45 ORDER GUIDE
LED
Color
AML45S
Color of
Housing Bezel
W
White
K
Black
W
LED
Voltage
A
2.4 V
C
10 V
D
15 V
F
24 V
*K
15 V High
Intensity
A
Housing
Type
AML45R
2 LEDs
(for use with
full-screen)
AML45S
2 LEDs
(for use with
split-screen)
RY
Side 1
Side 2
RR
Red
Red
YY
Yellow
Yellow
GG
Green
Green
AA
Amber
Amber
HH
Red
Red
Discount BE
Example:AML45SWA2RY
Schedule Qty.: 25 pieces/listing
Split-screen type housing with white bezel, 2.4 V LEDs, .110 x .020
Unclass.
termination; red LED in side 1 and yellow LED in side 2
*K must have two LEDs – uses A or H LEDs only
SPACERS: 30PA1-AML (package of 10) - unclassified
* NOTE: Contact Customer Service for a minimum quantity required to establish or reinstate a catalog listing.
Terminal
Type
2
.110 x .020
(solder or
quick-connect)
3
0.25 x 0.25
(printed circuit)
8
.110 x .020
with diode
protection
2
AML51 Button Parts
Catalog Listing
Description
Full Filter – Square Translucent
"
AML51- Z1
Red
-Z2
Yellow
-Z3
Green
-Z5
White
Full Filter – Rectangular Translucent
"
AML51- Z6
Red
-Z7
Yellow
-Z8
Green
Split Filter – Rectangular Translucent
"
Catalog listing includes two splits
AML51- Z16
Red
-Z20
White
Split Filter – Rectangular Translucent
!
Catalog listing includes two splits
AML51- Z42
Red
-Z43
Yellow
-Z44
Green
-Z46
Clear
Discount BE
Schedule Qty.: 25 pieces/listing
Unclass.
Five piece minimum order quantity
" For use with Clear Cap and Dead Front Buttons
!
For use with Projected Color Buttons
NOTE: Projected color buttons are the AML51-C10W and AML51-F10W
Availability of options is subject to change without notice
Honeywell • Sensing and Control CP- 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com