Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML21EBA2AC Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # AML21EBA2AC
Description  Manual Switches Advanced Manual Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML21EBA2AC Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  AML21EBA2AC Datasheet HTML 1Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 2Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 3Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 4Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 5Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 6Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 7Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 8Page - Honeywell Solid State Electronics Center AML21EBA2AC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Manual Switches
AML21 Series
Electronic Control Pushbutton
26
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
INCANDESCENT OR NON-LIGHTED DISPLAY
Buttons ordered separately.
Electrical Data
page 19
Buttons
page 43
Lamps and LEDs
page 58
Accessories
pages 56, 57
Mounting Dimensions
pages 59, 62
FEATURES
1, 2, or 4 poles.
Silver or gold contacts.
Full guard bezel option.
Momentary or 2-level alternate action
(push-on, push-off).
UL recognized, CSA certified.
Lamps can be furnished installed or
ordered separately.
Lamp circuit independent of switch circuit.
*
*
*AML21 Series: 1 pole and 2-pole
only.
AML21 ORDER GUIDE
AML21 B
B
A
2
AA
Housing
Bezel
Incandescent
Terminal
Circuitry Codes
Type
Color
Lamp Type
Type
(Each pole has double-throw)
Standard Bezel:
B
A
2
Silver
Mom. Action
AML21B
Square Non-Lighted
AML21C
Square 1 Lamp Ckt.
AML21E
Rect. Non-Lighted
AML21F
Rect. 1 Lamp Ckt.
AML21G
Rect. 2 Lamp Ckts.
Full Guard Bezel:
AML21H
Square Non-Lighted
AML21J
Square 1 Lamp Ckt.
AML21K
Rect. Non-Lighted
AML21L
Rect. 1 Lamp Ckt.
AML21M
Rect. 2 Lamp Ckts.
Black
No Lamp
Installed
B
6 V Lamp*
C
14 V Lamp*
E
28 V Lamp*
.110 × .020
(Solder or
Quick-Connect)
3
.025 × .025
(Printed Ckt. or
Push-On)
Contacts
AA 1-Pole
AC 2-Pole
CC 4-Pole
Alt. Action
AB 1-Pole
AD 2-Pole
CD 4-Pole
Gold
Contacts
Mom. Action
BA 1-Pole
BC 2-Pole
DC 4-Pole
Alt. Action
BB 1-Pole
BD 2-Pole
DD 4-Pole
Gold-Plated
Silver
Contacts
Mom. Action
EA 1-Pole
EC 2-Pole
Alt. Action
EB 1-Pole
ED 2-Pole
* Lamps will be installed per each lamp circuit specified in the Housing Type.
Example: AML21BBA2AA
Square pushbutton switch housing non-
lighted; black bezel; .110 × .020 termina-
tion; momentary action; 1-pole, double-
throw; silver contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com