Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

060-R186-08 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 060-R186-08
Description  Configurable Pressure Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

060-R186-08 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  060-R186-08 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 060-R186-08 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 060-R186-08 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 060-R186-08 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 060-R186-08 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 060-R186-08 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 060-R186-08 Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODELFP5000
Configurable Pressure Transducer
008927
Issue 2
DESCRIPTION
The Honeywell Model FP5000 Series is
a media-isolated piezoresistive silicon
pressure sensor offering multiple
output options (0 V to 5 V,
0 V to 10 V or 4 mA to 20 mA) for
reading pressure over the specified full-
scale pressure span and temperature
range. It is compensated for sensor
offset, sensitivity, temperature effects
and non-linearity to offer improved
thermal stability and accuracy.
Hastelloy® C276 and 316L stainless
steel wetted parts provide durability
with abrasive or corrosive media.
DIFFERENTIATION
• Offers improved accuracy and
reliability
• Configurable platform enables
a sensor to be built to customer
requirements. Simplified
nomenclature and order codes makes
ordering easier
• Many pressure and operating
temperature range options
• Built from stocked components; most
configurations are shipped within ten
business days
• Extensive history of pressure
measurement know-how
VALUE TO CUSTOMERS
• Built on the Honeywell history of
higher-quality pressure sensing
technologies
• Next-gen design of the popular
FP2000 pressure sensor
• Offers more repeatable, reliable, and
accurate pressure measurements over
time
• Rugged, stainless steel pressure
sensors are built and tested to perform
and survive in many demanding
environments
• Configurable platform creates a wide
range of standard configurations
• Stocked components enable shipping
within ten business days on most
configurations
FEATURES
• Pressure ranges from 10 in-H
2O
[0.36 psi] up to 5000 psi
• Gage, absolute, vacuum, barometric
and compound pressure types
• Higher accuracy to 0.1 %FSS BFSL
• Multiple output types: 0 Vdc to 5 Vdc,
0 Vdc to 10 Vdc, 4 mA to 20 mA
• Multiple electrical and pressure
connection options
• Zero adjustment through
potentiometer
• Operating temperature ranges from
-40°C to 125°C [-40°F to 250°F]
• Multiple compensation temperature
ranges
• Faster response and higher resolution
• Fully analog reduced-noise signal
path provides continuous output
resolution
• Stainless steel construction
• Ha C276 and 316L stainless steel
wetted parts offer more enhanced
durability with abrasive or corrosive
media
• CE approved
• Intrinsically Safe: cFMus, ATEX,
IEC Ex certified 2AR option (4 mA to
20 mA)
APPLICATIONS
• Test stands (Automotive, Aerospace,
Industrial, and Medical)
• R&D test labs
• Hydraulic and pneumatic system
monitoring
• Leak detection
• Manufacturing mold pressure control
• Pump and compressor control
• Liquid level measurement
• Oil & gas process control
PORTFOLIO
Model FP5000 pressure
transducers are part of
a comprehensive line of
Honeywell pressure sensors.


Similar Part No. - 060-R186-08

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
060-0571-06 HONEYWELL-060-0571-06 Datasheet
559Kb / 6P
Precision Low Profile Load Cell
June 2013
060-2444-03 HONEYWELL-060-2444-03 Datasheet
263Kb / 4P
Subminiature Load Cell
April 2009
logo
Winchester Electronics ...
060-500-0859S WINCHESTER-060-500-0859S Datasheet
61Kb / 1P
ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
logo
Honeywell Solid State E...
060-6827-03 HONEYWELL-060-6827-03 Datasheet
103Kb / 3P
Universal In-Line Amplifiers
060-6827-04 HONEYWELL-060-6827-04 Datasheet
109Kb / 1P
Model UV-10 Bridge Based Sensor In-Line Amplifier
More results

Similar Description - 060-R186-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
Piezoresistive Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
OEM PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
U5200 TEC-U5200 Datasheet
172Kb / 8P
Industrial Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com