Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP454 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP454
Description  DECT RF Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP454 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP454 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
For DECT RF Filters (F-11 Package)
Electrical Characteristic:
Characteristic
Sym
Unit
Spec
Nominal Center Frequency
F0
MHz
454.3
Stop Band Attenuation (from peak level)
1) at DC~(F0-30.7)MHz
2) at F0+30.7MHz~F0+200MHz
dB
50min
50min
Insertion Loss(at F0
±2.0MHz)
IL
dB
4.5max
3DVVEDQG YDULDWLRQ at F0±2.0 MHz)
dB
2max
Input/Output Impedance (Nominal)
50
Ω
Input/Output Impedance(fig1):
F-11 Package(fig2):
L1
ÃL2=18nH;C1ÃC2=1pF
This may be changed according to PCB
Frequency Characteristic(fig3):
**************************************************************************************************
32%R[  &KRQJTLQJ &KLQD 
7HO
)D[
HPDLOVDZPNW#VLSDWFRP
SP454
410
420
430
440
450
460
470
480
490
500
-80
-70
-60
-50
-40
-30
-20
-10
454.3MHz S A W Filter type performanc e
Frequency (MHz)


Similar Part No. - SP454

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP454 SIPAT-SP454 Datasheet
51Kb / 1P
DECT RF Filters
More results

Similar Description - SP454

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP886 SIPAT-SP886 Datasheet
46Kb / 1P
DECT RF Filters
SP903 SIPAT-SP903 Datasheet
30Kb / 1P
DECT RF Filters
SP927 SIPAT-SP927 Datasheet
35Kb / 1P
DECT RF Filters
SP930 SIPAT-SP930 Datasheet
46Kb / 1P
DECT RF Filters
SP959B SIPAT-SP959B Datasheet
43Kb / 1P
DECT RF Filters
SP454 SIPAT-SP454 Datasheet
51Kb / 1P
DECT RF Filters
SP886 SIPAT-SP886 Datasheet
47Kb / 1P
DECT RF Filters
SP903 SIPAT-SP903 Datasheet
32Kb / 1P
DECT RF Filters
SP915 SIPAT-SP915 Datasheet
33Kb / 1P
DECT RF Filters
SP959B SIPAT-SP959B Datasheet
44Kb / 1P
DECT RF Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com