Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP465 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP465
Description  SAW Filter Technical Specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP465 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP465 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
SP 465
420
430
44 0
450
460
47 0
480
490
500
510
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
T y pe per fo r m anc e
F r equen c y ( M H z )
SP465 SAW Filter Technical Specification
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Operating Temperature Range
-30 to +85
°C
Electrical Characteristics
Characteristic
Sym
Unit
Spec
Nominal Center Frequency
F0
MHz
465
Stop Band Attenuation (from peak level)
1) at DC~(F0-30.7)MHz
2) at F0+30.7MHz~F0+200MHz
dB
50min
50min
Insertion Loss(at F0±3.0MHz)
IL
dB
4.5max
1 dB Bandwidth
f1dB
MHz
6.0min
Passband variation(at F0±3.0 MHz)
-
dB
2max
Input/Output Impedance (Nominal)
-
50
Ω
Frequency Response
Matching Configuration
Package Outline
L1=L2=18nH C1=C2=1pF
Notes - Component values may change depending on board layout.


Similar Part No. - SP465

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP465 SIPAT-SP465 Datasheet
40Kb / 1P
SAW Filter Technical Specification
logo
List of Unclassifed Man...
SP4653 ETC1-SP4653 Datasheet
308Kb / 3P
1GHz 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
More results

Similar Description - SP465

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
SAW Filter Technical Specification
SP830 SIPAT-SP830 Datasheet
109Kb / 1P
SAW filter technical specification
SP875 SIPAT-SP875 Datasheet
110Kb / 1P
SAW filter technical specification
UE458 SIPAT-UE458 Datasheet
68Kb / 1P
SAW Filter Technical Specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
SAW filter technical specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com