Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1331-BW2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1331-BW2
Description  6-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1331-BW2 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1331-BW2 Datasheet HTML 1Page - STMicroelectronics ST1331-BW2 Datasheet HTML 2Page - STMicroelectronics ST1331-BW2 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
ST1331, ST1333, ST1353
card is unexpectedly extracted, while an operation
is underway, in an open reader.
EXTERNAL COMMANDS
The device uses six contacts: VCC, GND, I/O,
CLK, RST, B. Four commands distinct can be
composed using these external pins:
– RESET: to reset the internal address register to
000d
– READ: to increment the internal address
register and read the data bit at the new address
– COMPARE:
to
allow
comparison
of
the
presented code against the internal transport
code
– PROGRAM: to program the bit at the current
address
CONFIGURATIONS
The device works in two distinct configurations:
– Issuer Configuration: for the card manufacturer.
Customized data can be written to the chip, to
initialize it before release to the end user.
– User Configuration: for use by the end user of
the card, but with restricted access.
OPTIONS
Three options can be chosen on ordering the
device:
– The
anti-tearing
mechanism
can
be
disconnected. In this case, the anti-tearing flag
area from bit 288d to bit 319d is unused (Figure
2).
– The user area, from bit 320d to bit 375d, can be
defined
as
“not
erasable”
in
the
User
Configuration.
– The reload mechanism can be activated. In this
case, erasing a bit in the reload counter
refreshes the certificate (CER). At this time, the
certificate can be programmed with a new
value.
ORDERING INFORMATION
The notation used for the device number is as
shown in Table 2. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.
Table 2. Ordering Information Scheme
Note: 1. Please contact your nearest ST Sales Office to check on availability
Example:
ST1333
–C
W4
/
XX
YY
Product
Transport Code
31
Issuer Area
Given by ST
33
Active Authentication Function
53
Cipher Block Chaining
Authentication Function
Customer Code
Given by the Issuer
Fuse Blow Voltage
Delivery Form
B6 V1
D10
Micromodule on reel
C
5 V1
W4
Wafer (180
µm thickness)
W2
Wafer (280
µm thickness)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com