Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP830 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP830
Description  SAW filter technical specification
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP830 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP830 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
830MHz SAW filter technical specification
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+10dBm
DC Voltage between any 2 pins
30VDC
Operating Temperature
-10 to +50
Electrical Characteristic
Characteristic
Unit
Minimum
Typical
Maximum
Center Frequency (f0)
MHz
830
3dB bandwidth
MHz
17.80
18.20
Insertion Loss
1) f0-20MHz~ f0-15MHz
2) f0
3) f0+15MHz~ f0+20MHz
dB
25
25
3.5
4
Amplitude Ripple
dB
0.6
1.0
Input and output Impedance
-
Package
DCC6
Ambient Temperature
25
Frequency response                       Package                     
 
SP 830
740
760
780
800
820
840
860
880
900
920
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
Type performance
Frequency(MHz)


Similar Part No. - SP830

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP830 SIPAT-SP830 Datasheet
110Kb / 1P
SAW filter technical specification
More results

Similar Description - SP830

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7601L SIPAT-LBN7601L Datasheet
111Kb / 1P
SAW Filter Technical Specification
LBN11002L SIPAT-LBN11002L Datasheet
122Kb / 1P
SAW filter technical specification
LBN11504L SIPAT-LBN11504L Datasheet
48Kb / 1P
SAW Filter Technical Specification
LBS32201 SIPAT-LBS32201 Datasheet
73Kb / 1P
SAW Filter Technical Specification
SP875 SIPAT-SP875 Datasheet
110Kb / 1P
SAW filter technical specification
UE458 SIPAT-UE458 Datasheet
68Kb / 1P
SAW Filter Technical Specification
LBS33.792 SIPAT-LBS33.792 Datasheet
52Kb / 1P
SAW filter technical specification
LBS67.584 SIPAT-LBS67.584 Datasheet
48Kb / 1P
SAW filter technical specification
LBS84.48 SIPAT-LBS84.48 Datasheet
52Kb / 1P
SAW filter technical specification
LBT16.896 SIPAT-LBT16.896 Datasheet
51Kb / 1P
SAW filter technical specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com