Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP835D25 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP835D25
Description  SAW Delay Lines Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP835D25 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP835D25 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
SP835D25 SAW Delay Lines Electrical Characteristic
Parameter 
Unit  Minimum  Typical 
Maximum 
 Frequency 
MHz 
  
815 ̄855 
  
Insertion Loss 
dB 
 
29 
30 
3 dB Bandwidth 
MHz 
  
110 
  
Passband variation 
dB 
 
1 
2 
G
roup Delay  
usec 
2.4 
2.5 
2.6 
Ultimate Rejection 
dB 
30 
33 
 
Substrate Material 
 
Y128-X LN 
Ambient Temperature 
C 
25 
Package
 
 6/14 
SP835D25 SAW Delay Lines Typical Performance
700
750
800
850
900
950
-60
-55
-50
-45
-40
-35
-30
Type performance
Frequency(MHz)
0
0.5
1
1.5
2
2.5
3
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
Type performance
Delay time(us)


Similar Part No. - SP835D25

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP835D20 SIPAT-SP835D20 Datasheet
25Kb / 1P
SAW Delay Lines Electrical Characteristic
More results

Similar Description - SP835D25

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14023 SIPAT-LBS14023 Datasheet
44Kb / 1P
SAW Filter Electrical Characteristic
LBS7032 SIPAT-LBS7032 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS07202 SIPAT-LBS07202 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN160-9.45 SIPAT-LBN160-9.45 Datasheet
23Kb / 1P
SAW Filter Electrical Characteristic
LBN02301 SIPAT-LBN02301 Datasheet
110Kb / 1P
SAW Filter Electrical Characteristic
LBN03601 SIPAT-LBN03601 Datasheet
69Kb / 1P
SAW Filter Electrical Characteristic
SP195D10 SIPAT-SP195D10 Datasheet
21Kb / 1P
SAW Delay Lines Electrical Characteristic
SP835D15 SIPAT-SP835D15 Datasheet
25Kb / 1P
SAW Delay Lines Electrical Characteristic
SP835D20 SIPAT-SP835D20 Datasheet
25Kb / 1P
SAW Delay Lines Electrical Characteristic
SP195D10 SIPAT-SP195D10 Datasheet
22Kb / 1P
SAW Delay Lines Electrical Characteristic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com