Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP38003 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP38003
Description  SAW Filter Electrical Characteristic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP38003 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP38003 Datasheet HTML 1Page - SIPAT Co,Ltd SP38003 Datasheet HTML 2Page - SIPAT Co,Ltd SP38003 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIPAT Co.,Ltd
www.sipatsaw.com
China Electronics Technology Group Corporation No.26 Research Institute
P.O. Box 2513 Chongqing, China 400060 Tel:+86-23-62920684 Fax:62805284 E-mail: sawmkt@sipat.com
Electrical Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency, Fc
MHz
-
380
-
Insertion Loss at 380 MHz
dB
-
23
25
Bandwidth at –1.0 dB (reference is loss at Fc)
MHz
9.2
10.25
-
Bandwidth at –3.0 dB (reference is loss at Fc)
MHz
9.8
11.49
-
Template on the amplitude,
reference is loss at Fc
Attenuation at 370 MHz
dB
35
42
-
Attenuation at 372.5 MHz
dB
15
40
-
Attenuation at 387.5 MHz
dB
15
40
-
Attenuation at 390 MHz
dB
35
45
-
Stopband rejection
from 10 MHz to 300 MHz
dB
25
40
-
from 300 MHz to 340 MHz
dB
40
50
-
from 340 MHz to 360 MHz
dB
45
50
-
from 395 MHz to 410 MHz
dB
40
48
-
from 410 MHz to 440 MHz
dB
35
50
-
from 440 MHz to 600 MHz
dB
25
40
-
Amplitude ripple within Fc ± 4.6 MHz
dBp-p
-
0.7
1.0
Group delay variation within Fc ± 4.6 MHz
nsec
-
20
150
Operating Temperature Range
OC
-30 to +85
OC
Notes:
1. All specifications are based on the test circuit shown below
2. Electrical margin has been built into the design to account for the variations due to manufacturing
tolerances
3. Relative to Insertion loss at 380 MHz
4. This specification is valid for room temperature only
Matching Schematic
L1=33nH
Notes:
Actual matching values may vary due to PCB layout and parasitics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com