Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP43302 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP43302
Description  433.92MHz RF SAW Filter 0.6MHz Bandwidth
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP43302 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP43302 Datasheet HTML 1Page - SIPAT Co,Ltd SP43302 Datasheet HTML 2Page - SIPAT Co,Ltd SP43302 Datasheet HTML 3Page - SIPAT Co,Ltd SP43302 Datasheet HTML 4Page - SIPAT Co,Ltd SP43302 Datasheet HTML 5Page - SIPAT Co,Ltd SP43302 Datasheet HTML 6Page - SIPAT Co,Ltd SP43302 Datasheet HTML 7Page - SIPAT Co,Ltd SP43302 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP43302
Rev. Date
2006-7-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/8
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
433.92MHz RF SAW Filter
0.6MHz Bandwidth
Part Number: SP43302
3. Performance
3.1 Application
RF Low-loss SAW Filter for Remote Controller Receivers.
Center frequency(fo): 433.92 MHz
3.2 Maximum Rating
DC Voltage Between Terminals VDC
10V
Operation Temperature Range
-40
to +85
℃℃
Storage Temperature Range
-40
to +85
℃℃
CW RF Power Dissipation
10dBm
3.3 Electronic Characteristics
Item
Units
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
——
433.92
——
Insertion Loss
433.76MHz ~ 434.08MHz
dB
——
3.0
5.0
Pass Band
433.76 ~ 434.08 MHz
433.74 ~ 434.10 MHz
dB
dB
——
——
1.1
1.4
2.0
3.0
3dB Bandwidth
KHz
600
750
850
Relative Attenuation (Relative to ILmin)
10.00 ~ 414.00MHz
414.00 ~ 423.50MHz
423.50 ~ 431.72MHz
431.72 ~ 432.12MHz
432.12 ~ 433.10MHz
434.92 ~ 442.00MHz
442.00 ~ 500.00MHz
500.00 ~ 700.00MHz
700.00 ~ 1000.00MHz
dB
dB
dB
dB
dB
dB
dB
dB
dB
42.0
39.0
29.0
26.0
17.0
14.0
35.0
40.0
48.0
45.0
41.0
34.0
35.0
21.0
15.0
37.0
42.0
52.0
——
——
——
——
——
——
——
——
——
Impedance at 433.92MHz
Input: Zin = Rin // Cin
Output: Zout = Rout//Cout
Ω//pF
Ω//pF
——
——
150//4.7
150//4.7
——
——
Turnover Temperature
Turnover Frequency
Temperature Coefficient
℃
MHz
Ppm/℃
2
10
——
——
25
433.92
0.033
40
——
——



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com