Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP88201 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP88201
Description  881.5MHz RF SAW Filter 25MHz Bandwidth
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP88201 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP88201 Datasheet HTML 1Page - SIPAT Co,Ltd SP88201 Datasheet HTML 2Page - SIPAT Co,Ltd SP88201 Datasheet HTML 3Page - SIPAT Co,Ltd SP88201 Datasheet HTML 4Page - SIPAT Co,Ltd SP88201 Datasheet HTML 5Page - SIPAT Co,Ltd SP88201 Datasheet HTML 6Page - SIPAT Co,Ltd SP88201 Datasheet HTML 7Page - SIPAT Co,Ltd SP88201 Datasheet HTML 8Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP88201
Rev. Date
2006-8-9
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/8
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
881.5MHz RF SAW Filter
25MHz Bandwidth
Part Number: SP88201
3. Performance
3.1 Application
RF SAW filter for cellular telephone.
Center frequency: 881.5MHz
3.2 Maximum Rating
Operation Temperature Range
-30
to +80
℃℃
Storage Temperature Range
-40
to +85
℃℃
DC Permissive Voltage
10V DC max.
Maximum Input Power
23 dBm
3.3 Electronic Characteristics
Item
Frequency (MHz)
Specification
Center Frequency (fo)
881.5
Pass-band Width
25
Insertion Loss
869 ~ 894
3.0 dB max.
Pass-band Ripple
869 ~ 894
1.8 dB max.
Return Loss
869 ~ 894
10.0 dB min.
Stop-band Attenuation
DC ~ 800
824 ~ 849
978 ~ 1006
1088 ~ 1119
1119 ~ 2600
20 dB min.
35 dB min.
25 dB min.
30 dB min.
20 dB min.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com