Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UE34 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # UE34
Description  67.22/61.22MHz SAW Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

UE34 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  UE34 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
z Low loss,High Q factor
z Quartz stability
z F-11 case
The UE3.4 is true one-port , surface-acoustic-wave(SAW) resonator in a low profile F-11 case .It has one
input and two output. It provides reliable, fundamental-mode, quartz frequency stabilization of
fixed-frequency operating at 67.22/61.22MHz.
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+13dBm
DC Voltage between any 2 pins
f30VDC
Case Temperature
-40 to +85

Electrical Characteristic
Characteristic
Sym
Unit
Minimum
Typical
Maximum
Center Frequency
F0
MHz
61.16
67.16
61.22
67.22
61.28
67.28
Insertion Loss
IL
dB
3
4.5
Static Capacitance
C0
pF
3.8
4.3
4.8
DC Insulation Resistance between any 2 pins
•¡
1.0
127(
127(
 7HVW WHPSHUDWXUH±2.
 In test the shunt inductance is tuned for parallel resonance with C0 at fc.
 7KLV SDUW LV (OHFWURVWDWLF 'LVFKDUJH 6HQVLWLYH DQG PD\ EH GDPDJHG E\ LPSURSHU KDQGLQJ
32%R[  &KRQJTLQJ &KLQD 
7HO )D[ HPDLOVDZPNW#VLSDWFRP
UE3.4
67.22/61.22MHz SAW Resonator


Similar Part No. - UE34

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
UE34368 SIPAT-UE34368 Datasheet
69Kb / 1P
SAW filter technical specification
More results

Similar Description - UE34

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
SAW Resonator
2004-04-20
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com