Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC4560IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RC4560IP
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4560IP Datasheet(HTML) 1 Page - Texas Instruments

  RC4560IP Datasheet HTML 1Page - Texas Instruments RC4560IP Datasheet HTML 2Page - Texas Instruments RC4560IP Datasheet HTML 3Page - Texas Instruments RC4560IP Datasheet HTML 4Page - Texas Instruments RC4560IP Datasheet HTML 5Page - Texas Instruments RC4560IP Datasheet HTML 6Page - Texas Instruments RC4560IP Datasheet HTML 7Page - Texas Instruments RC4560IP Datasheet HTML 8Page - Texas Instruments RC4560IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
RC4560
www.ti.com ..................................................................................................................................................... SLOS457A – JANUARY 2005 – REVISED APRIL 2008
DUAL AUDIO OPERATIONAL AMPLIFIER
• Operating Voltage . . . ±2 V to ±18 V
• Slew Rate . . . 5.5 V/µsec (Typ)
• Low Noise Voltage . . . 1.2 µVrms (Typ)
• Suitable for Applications Such as Audio
Preamplifier, Active Filter, Headphone
• Wide GBW . . . 15 MHz (Typ)
Amplifier, Industrial Measurement Equipment
• Low THD . . . 0.05% (Typ)
The RC4560 is a high-gain, wide-bandwidth, dual operational amplifier capable of driving 20 V peak-to-peak into
400-
Ω loads. The RC4560 combines many of the features of the RC4558, but with wider bandwidth and higher
slew rate, making this device ideal for active filters, data and telecommunications, and many instrumentation
applications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – P
Tube of 50
RC4560IP
RC4560IP
Tube of 75
RC4560ID
SOIC – D
R4560I
–40
°C to 85°C
Reel of 2500
RC4560IDR
Tube of 150
RC4560IPW
TSSOP – PW
R4560I
Reel of 2000
RC4560IPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RC4560IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4560IP TI-RC4560IP Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560IP TI2-RC4560IP Datasheet
749Kb / 16P
DUAL AUDIO OPERATIONAL AMPLIFIER
REVISED APRIL 2008
RC4560IP.A TI2-RC4560IP.A Datasheet
749Kb / 16P
DUAL AUDIO OPERATIONAL AMPLIFIER
REVISED APRIL 2008
RC4560IPE4 TI-RC4560IPE4 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560IPW TI-RC4560IPW Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results

Similar Description - RC4560IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI-RC4580 Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM833 NSC-LM833 Datasheet
520Kb / 18P
Dual Audio Operational Amplifier
logo
Texas Instruments
RC4560 TI-RC4560 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
Dual Audio Operational Amplifier
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com