Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16ST2G Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST16ST2G
Description  Smartcard MCU With up to 16352 Bytes EEPROM & T2G Authentication Library
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16ST2G Datasheet(HTML) 2 Page - STMicroelectronics

  ST16ST2G Datasheet HTML 1Page - STMicroelectronics ST16ST2G Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST16ST2G
2/2
DESCRIPTION
The ST16ST2G, a member of the standard
ST16SF4x device family, is a serial access micro-
controller especially designed for high volume and
cost competitive Smartcard applications where
firmware security algorithm must be implemented.
The ST16ST2G is based on 8 bit CPU core and in-
cludes on chip memories: 384 Bytes of RAM, 15 K
Bytes of USER ROM, 1.5 K Byte of SYSTEM
ROM, and up to 16352 Bytes of EEPROM. The
ST16ST2G also includes 1 KByte of T2G+ Authen-
tication Library.
Both ROM and EEPROM memories can be config-
ured into two sectors. Access rules from any mem-
ory section or sector to any other are set-up by the
User’s defined Memory Access Control Matrix
(MACM).
Reliability data related to the ST16ST2G product
manufactured using STMicroelectronics advanced
CMOS EEPROM technology confirm data reten-
tion up to 10 years and endurance up to 100,000
Erase/Write cycles.
As with all other ST16 family members, the
ST16ST2G is fully compatible with the ISO stand-
ards for Smartcard applications.
Software development (ROM code, options) can
be completed by the ST16-19HDSE development
system.
The ST16ST2G can be delivered either in unsawn
or sawn wafers, 180 or 275 micron thickness as
well as in micromodule package.
For ordering information and request for quotation
(RTQ) please contact your nearest ST sales office.
Figure 1. Block Diagram
SCP 102b/DS
MEMORY ACCESS CONTROL MATRIX
CPU
BYTES
SERIAL I/0's
INTERFACE
NUMBER
GENERATOR
INTERNAL BUS
RAM
SECT.
A
SECT.
B
SECTOR
A
SECTOR
B
SECTORS
COMBIN.
ROM
V
GENERATION
EEPROM
SECTORS COMBINATIVE
RST
GND
V
I/O1
CLK
SYSTEM
ROM
SECT.
S
SECURITY
LOGIC
I/O2
PP
CC
8 BIT
384
1.5 K
BYTE
15 K BYTES
Up to 16352 BYTES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com