Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14EC8 Datasheet(PDF) 13 Page - Simtek Corporation

Part # STK14EC8
Description  512Kx8 Autostore nvSRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC8 Datasheet(HTML) 13 Page - Simtek Corporation

Back Button STK14EC8 Datasheet HTML 9Page - Simtek Corporation STK14EC8 Datasheet HTML 10Page - Simtek Corporation STK14EC8 Datasheet HTML 11Page - Simtek Corporation STK14EC8 Datasheet HTML 12Page - Simtek Corporation STK14EC8 Datasheet HTML 13Page - Simtek Corporation STK14EC8 Datasheet HTML 14Page - Simtek Corporation STK14EC8 Datasheet HTML 15Page - Simtek Corporation STK14EC8 Datasheet HTML 16Page - Simtek Corporation STK14EC8 Datasheet HTML 17Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STK14EC8
13
Simtek Confidential
Jan, 2008
Document Control #ML0060 Rev 1.1
Preliminary
DATA PROTECTION
The STK14EC8 protects data from corruption during
low-voltage conditions by inhibiting all externally ini-
tiated STORE and WRITE operations. The low-volt-
age condition is detected when VCC<VSWITCH.
If the STK14EC8 is in a WRITE mode (both E and
W low) at power-up, after a RECALL, or after a
STORE, the WRITE will be inhibited until a negative
transition on E or W is detected. This protects
against inadvertent writes during power up or brown
out conditions.
NOISE CONSIDERATIONS
The STK14EC8 is a high-speed memory and so
must have a high-frequency bypass capacitor of
approximately 0.1 µF connected between VCC and
VSS, using leads and traces that are a short as pos-
sible. As with all high-speed CMOS ICs, careful
routing of power, ground, and signals will reduce cir-
cuit noise.
BEST PRACTICES
nvSRAM products have been used effectively for
over 15 years. While ease-of-use is one of the prod-
uct’s main system values, experience gained work-
ing with hundreds of applications has resulted in the
following suggestions as best practices:
• The non-volatile cells in this nvSRAM product are
delivered from Simtek with 0x00 written in all
cells. Incoming inspection routines at customer or
contract manufacturer’s sites will sometimes
reprogram these values. Final NV patterns are
typically repeating patterns of AA, 55, 00, FF, A5,
or 5A. End product’s firmware should not assume
an NV array is in a set programmed state. Rou-
tines that check memory content values to deter-
mine first time system configuration, cold or warm
boot status, etc. should always program a unique
NV pattern (i.e., complex 4-byte pattern of 46 E6
49 53 hex or more random bytes) as part of the
final system manufacturing test to ensure these
system routines work consistently.
• Power up boot firmware routines should rewrite
the nvSRAM into the desired state (autostore
enabled, etc.). While the nvSRAM is shipped in a
preset state, best practice is to again rewrite the
nvSRAM into the desired state as a safeguard
against events that might flip the bit inadvertently
(program bugs, incoming inspection routines,
etc.).
• The autostore enabled/disabled feature will reset
to “autostore enabled” on every power down
event captured by the nvSRAM. The application
firmware should disable autostore on each reset
sequence that this behavior is desired.
• The Vcap value specified in this datasheet
includes a minimum and a maximum value size.
Best practice is to meet this requirement and not
exceed the max Vcap value because the nvSRAM
internal algorithm calculates Vcap charge time
based on this max Vcap value. Customers that
want to use a larger Vcap value to make sure
there is extra store charge and store time should
discuss their Vcap size selection with Simtek to
understand any impact on the Vcap voltage level
at the end of a tRECALL period.
LOW AVERAGE ACTIVE POWER
CMOS technology provides the STK14EC8 with the
benefit of power supply current that scales with
cycle time. Less current will be drawn as the mem-
ory cycle time becomes longer than 50 ns. Figure 4
shows the relationship between ICC and READ/
WRITE cycle time. Worst-case current consumption
is
shown
for
commercial
temperature
range,
VCC=3.6V, and chip enable at maximum frequency.
Only standby current is drawn when the chip is dis-
abled. The overall average current drawn by the
STK14EC8 depends on the following items:
1
The duty cycle of chip enable
2
The overall cycle rate for operations
3
The ratio of READs to WRITEs
4
The operating temperature
5
The VCC Level
6
I/O Loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com