Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMH322522-R10ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMH322522-R10ML
Description  CMH322522 Series - Wirewound Chip Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMH322522-R10ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMH322522-R10ML Datasheet HTML 1Page - Bourns Electronic Solutions CMH322522-R10ML Datasheet HTML 2Page - Bourns Electronic Solutions CMH322522-R10ML Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMH322522 Series - Wirewound Chip Inductor
Features
■
1210 size
■
High Q characteristic
■
High current rating
■
RoHS compliant*
Bourns
Part No.
Inductance
Q
Min.
Test
Freq. MHz
L,Q
SRF
MHz
Min.
DCR
Ω
Max.
Irms
mA
Max.
μH
Tol. %
CMH322522-R10ML
0.10
±20
28
25.2
700
0.44
450
CMH322522-R12ML
0.12
±20
30
25.2
500
0.22
450
CMH322522-R15ML
0.15
±20
30
25.2
450
0.25
450
CMH322522-R18ML
0.18
±20
30
25.2
400
0.25
450
CMH322522-R22ML
0.22
±20
30
25.2
350
0.32
450
CMH322522-R27ML
0.27
±20
30
25.2
320
0.36
450
CMH322522-R33ML
0.33
±20
30
25.2
300
0.40
450
CMH322522-R39ML
0.39
±20
30
25.2
250
0.45
450
CMH322522-R47ML
0.47
±20
30
25.2
220
0.50
450
CMH322522-R56ML
0.56
±20
30
25.2
180
0.55
450
CMH322522-R68ML
0.68
±20
30
25.2
160
0.60
450
CMH322522-R82ML
0.82
±20
30
25.2
140
0.65
450
CMH322522-1R0KL
1.0
±10
30
7.96
120
0.70
400
CMH322522-1R2KL
1.2
±10
30
7.96
100
0.75
390
CMH322522-1R5KL
1.5
±10
30
7.96
85
0.85
370
CMH322522-1R8KL
1.8
±10
30
7.96
80
0.90
350
CMH322522-2R2KL
2.2
±10
30
7.96
75
1.0
320
CMH322522-2R7KL
2.7
±10
30
7.96
70
1.1
290
CMH322522-3R3KL
3.3
±10
30
7.96
55
1.2
260
CMH322522-3R9KL
3.9
±10
30
7.96
50
1.3
250
CMH322522-4R7KL
4.7
±10
30
7.96
45
1.5
220
CMH322522-5R6KL
5.6
±10
30
7.96
40
1.6
200
CMH322522-6R8KL
6.8
±10
30
7.96
35
1.8
180
CMH322522-8R2KL
8.2
±10
30
7.96
30
2.0
170
CMH322522-100KL
10
±10
30
2.52
28
2.1
150
CMH322522-120KL
12
±10
30
2.52
20
2.5
140
CMH322522-150KL
15
±10
30
2.52
20
2.8
130
CMH322522-180KL
18
±10
30
2.52
20
3.3
120
CMH322522-220KL
22
±10
30
2.52
19
3.7
110
CMH322522-270KL
27
±10
30
2.52
18
5.0
80
CMH322522-330KL
33
±10
30
2.52
16
5.6
70
CMH322522-390KL
39
±10
30
2.52
15
6.4
65
CMH322522-470KL
47
±10
30
2.52
13
7.0
60
CMH322522-560KL
56
±10
30
2.52
12
8.0
55
CMH322522-680KL
68
±10
30
2.52
11
9.0
50
CMH322522-820KL
82
±10
30
2.52
10
10
45
CMH322522-101KL
100
±10
20
0.796
9
10
40
Temperature Rise
.................20 °C max. at rated current
Operating Temperature
................................-55 °C to +125 °C
Storage Temperature
Reflow Soldering
................................-55 °C to +125 °C
.. 230 °C, 50 sec. max.
Resistance to Soldering Heat
.............................. 260 °C, 5 seconds
Materials
General Specifications
Electrical Specifications
Core..............................................Ferrite
Terminal Electrode........................ Cu/Sn
Packaging................. 2,000 pcs. per reel
Product Dimensions
010
3.20 ± 0.2
(.126 ± .008
4.4
(.173)
2.50 ± 0.2
(.098 ± .008)
0.60
(.024)
TYP.
TYP.
2.20 ± 0.2
(.087 ± .008)
2.0
(.079)
2.0
(.079)
1.90 ± 0.1
(.036 ± .004)
0.5
(.020)
Recommended Layout
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CMH322522-R10ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMH322522-R10ML BOURNS-CMH322522-R10ML Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
More results

Similar Description - CMH322522-R10ML

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7101 ETAL-P7101 Datasheet
129Kb / 6P
MOULDED WIREWOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
Wirewound Chip Inductor
CM201212_MDS BOURNS-CM201212_MDS Datasheet
101Kb / 2P
CM201212 Series Wirewound Chip Inductor
CM252016_MDS BOURNS-CM252016_MDS Datasheet
71Kb / 1P
CM252016 Series Wirewound Chip Inductor
CM322522_MDS BOURNS-CM322522_MDS Datasheet
101Kb / 2P
CM322522 Series Wirewound Chip Inductor
CM453232_MDS BOURNS-CM453232_MDS Datasheet
79Kb / 1P
CM453232 Series Wirewound Chip Inductor
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
Wirewound Chip Inductor
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
Wirewound Ceramic Chip Inductor
1/3/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com