Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1803 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1803
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1803 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1803 Datasheet HTML 1Page - STMicroelectronics ST1803 Datasheet HTML 2Page - STMicroelectronics ST1803 Datasheet HTML 3Page - STMicroelectronics ST1803 Datasheet HTML 4Page - STMicroelectronics ST1803 Datasheet HTML 5Page - STMicroelectronics ST1803 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST1803DHI
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
NEW SERIES, ENHANCHED
PERFORMANCE
s
FULLY INSULATED PACKAGE FOR EASY
MOUNTING
s
INTEGRATED FREE WHEELING DIODE
s
HIGH VOLTAGE CAPABILITY
s
HIGH SWITCHING SPEED
s
TIGTHER hfe CONTROL
s
IMPROVED RUGGEDNESS
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOR
TV
DESCRIPTION
The ST1803DHI is manufactured using Diffused
Collector technology for more stable operation Vs
base drive circuit variations resulting in very low
worst case dissipation.
®
INTERNAL SCHEMATIC DIAGRAM
January 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCBO
Collector-Base Voltage (IE = 0)
1500
V
VCEO
Collector-Emit ter Voltage (IB = 0)
600
V
VEBO
Emitt er-Base Voltage (IC =0)
7
V
IC
Collector Current
10
A
ICM
Collector Peak Current (tp <5 ms)
15
A
IB
Base Current
4
A
Ptot
Total Dissipation at Tc =25
oC50
W
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
1
2
3
ISOWATT218
RBE =25
Ω
Typ.
1/6


Similar Part No. - ST1803

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1803DFH STMICROELECTRONICS-ST1803DFH Datasheet
252Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-2002
ST1803DFX STMICROELECTRONICS-ST1803DFX Datasheet
162Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-2003
More results

Similar Description - ST1803

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com