Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-0603BVC Datasheet(PDF) 12 Page - WAYJUN

Part # LED-0603BVC
Description  1608 SMD LED 0603 SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAYJUN [WAYJUN]
Direct Link  https://www.wayjun.com
Logo WAYJUN - WAYJUN

LED-0603BVC Datasheet(HTML) 12 Page - WAYJUN

Back Button LED-0603BVC Datasheet HTML 4Page - WAYJUN LED-0603BVC Datasheet HTML 5Page - WAYJUN LED-0603BVC Datasheet HTML 6Page - WAYJUN LED-0603BVC Datasheet HTML 7Page - WAYJUN LED-0603BVC Datasheet HTML 8Page - WAYJUN LED-0603BVC Datasheet HTML 9Page - WAYJUN LED-0603BVC Datasheet HTML 10Page - WAYJUN LED-0603BVC Datasheet HTML 11Page - WAYJUN LED-0603BVC Datasheet HTML 12Page - WAYJUN  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1608 SMD LED, 0603 SMD LED
Wayjun Technology Co.,Ltd
- 12 -
www.wayjun.com
Carrier Tape Dimensions(unit:mm)
Loaded quantity 4000 PCS per reel
Notes:
All dimensions in mm tolerance is ±0.1mm unless otherwise noted.
Copyright
Copyright 2009, by ShenZhen Wayjun Technology Co.,Ltd. All rights are reserved. ShenZhen Wayjun Technology
Co.,Ltd reserves the right to make improvements to the products described in this manual at any time without notice.
Trademark
The names used for identification only may be registered trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com