Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLLE1AX7R0G104M050AC Datasheet(PDF) 4 Page - TDK Electronics

Part # CLLE1AX7R0G104M050AC
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLLE1AX7R0G104M050AC Datasheet(HTML) 4 Page - TDK Electronics

  CLLE1AX7R0G104M050AC Datasheet HTML 1Page - TDK Electronics CLLE1AX7R0G104M050AC Datasheet HTML 2Page - TDK Electronics CLLE1AX7R0G104M050AC Datasheet HTML 3Page - TDK Electronics CLLE1AX7R0G104M050AC Datasheet HTML 4Page - TDK Electronics CLLE1AX7R0G104M050AC Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• All specifications are subject to change without notice.
CLLC1A(1608) [EIA CC0603]
X6S
X7R
X7S
0G
(4V)
0G
(4V)
0G
(4V)
47,000 473
M: ± 20%
100,000 104
330,000 334
470,000 474
680,000 684
1,000,000 105
2,200,000 225
4,700,000 475
CLLE1A(2012) [EIA CC0805]
X7R
X7S
1A
(10V)
0J
(6.3V)
0G
(4V)
1A
(10V)
0J
(6.3V)
0G
(4V)
47,000 473
M: ± 20%
100,000 104
150,000 154
220,000 224
330,000 334
470,000 474
680,000 684
1,000,000 105
1,500,000 155
2,200,000 225
4,700,000 475
6,800,000 685
0.50 mm
0.85 mm
CLLG1A(3216) [EIA CC1206]
X7R
1A
(10V)
0J
(6.3V)
1,000,000 105
M: ± 20%
2,200,000 225
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X6S (± 22%), X7R (±15%), X7S (± 22%)
Rated Voltage: 4V (0G)
Capacitance
(pF)
Code
Tolerance
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (± 22%)
Rated Voltage: 10V (1A), 6.3V (0J), 4V (0G)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X7R (±15%),
Rated Voltage: 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
20141224 / mlcc_commercial_uli_en



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com