Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBS013S16 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XBS013S16
Description  Schottky Barrier Diode, 100mA, 30V Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS013S16 Datasheet(HTML) 2 Page - Torex Semiconductor

  XBS013S16 Datasheet HTML 1Page - Torex Semiconductor XBS013S16 Datasheet HTML 2Page - Torex Semiconductor XBS013S16 Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
XBS013S16
(1) Forward Current vs. Forward Voltage
(2) Reverse Current vs. Reverse Voltage
0.1
1
10
100
0
0.2
0.4
0.6
0.8
Forward Voltage VF (V)
Ta=125℃
-25℃
25℃
75℃
0.01
0.1
1
10
100
1000
010
20
30
Reverse Voltage VR (V)
Ta=125℃
25℃
75℃
(3) Forward Voltage vs. Operating Temperature
(4) Reverse Current vs. Operating Temperature
0.0
0.2
0.4
0.6
0.8
-50
0
50
100
150
Operating Temperature Ta (℃)
IF=100mA
1mA
10mA
0.01
0.1
1
10
100
1000
0
50
100
150
Operating Temperature Ta (℃)
VR=25V
15V
5V
(5) Inter-Terminal Capacity vs. Reverse Voltage
(6) Average Forward Current vs. Operating Temperature
0
10
20
30
40
50
010
20
30
Reverse Voltage VR (V)
Ta=25℃
0
50
100
150
200
250
0
50
100
150
Operating Temperature Ta (℃)
■TYPICAL PERFORMANCE CHARACTERISTICS
Forward Voltage : VF (V)
Reverse Voltage : VR (V)
Operating Temperature : Ta (
℃)
Operating Temperature : Ta (
℃)
Reverse Voltage : VR (V)
Operating Temperature : Ta (
℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com