Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19CF68 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19CF68
Description  Smartcard MCU With 512 Bits Modular Arithmetic Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19CF68 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19CF68 Datasheet HTML 1Page - STMicroelectronics ST19CF68 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ST19CF68
2/2
HARDWARE DESCRIPTION
The ST19CF68, a member of the ST19 device
family, is a serial access microcontroller especially
designed for very large volume and cost competi-
tive secure portable objects, where high perform-
ance Public Key Algorithms will be implemented,
to cut down initialization and communication costs
and to increase security.
Its internal Modular Arithmetic Processor is de-
signed to speed up cryptographic calculations us-
ing Public Key Algorithms. Based on a 512 bit
architecture, it processes modular multiplication
and squaring up to 1024 bit operands.
The ST19CF68 is based on a STMicroelectronics
8 bit CPU core including on-chip memories: 960
Bytes of RAM, 23 KBytes of USER ROM and 8
KBytes of EEPROM.
RAM, ROM and EEPROM memories can be con-
figured into partitions. Access rules from any
memory partition to another partition are setup by
the user defined Memory Access Control Logic.
It is manufactured using the highly reliable ST
CMOS EEPROM technology.
As all other ST19 family members, it is fully com-
patible with the ISO standards for Smartcard appli-
cations.
SOFTWARE SUPPORT
SOFTWARE DEVELOPMENT
Software development and firmware (ROM code/
options) generation are completed by the ST16-19
HDS development system.
CRYPTO LIBRARIES
For an easy and efficient use of the Modular Arith-
metic Processor (MAP), ST proposes a complete
set of firmware subroutines. This library is located
in a specific ROM area, leaving 23 KBytes in the
User ROM for the application software. This li-
brary saves the operating system designer from
coding first layer functions and allows the designer
to concentrate on algorithms and Public Key Cryp-
tographic (PKC) protocol implementation.
This library contains firmware functions for:
– loading and unloading parameters and results
to or from the MAP
– calculating Montgomery constants
– basic mathematics including modular squaring
and multiplication for various lengths
– modular exponentiation using or not the Chi-
nese Remainder Theorem (CRT),
– more elaborate functions such as RSA signa-
tures and authentications for any modulo length
up to 1024 bits long or DSA signature and veri-
fication.
– full internal key generation for signatures/au-
thentications. This guarantees that the secret
key will never be known outside the chip and
contributes to overall system security.
– long random number generation
– sha-1
Figure 1. Block Diagram
SCP 133b/DS
INTERNAL BUS
RAM
Bytes
USER
ROM
Bytes
EEPROM
Bytes
MAP
SERIAL
I/O
INTER-
FACE
8 BIT
CPU
8 BIT
TIMER
CLOCK
GENERA-
TOR
MODULE
UNPRE-
DICTABLE
NUMBER
GENERATOR
SECURITY
SYSTEM ROM
AND
MAP FIREWALL
MEMORY ACCESS FIREWALL
CLK
SYSTEM ROM
AND
CRYPTO
LIBRARIES
RESET
VCC
I/O
GND
ADMINISTRATOR
a
a
960
8 K
23 K
512 Bit s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com