Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5633M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC5633M
Description  32-bit Microcontrollers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5633M Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC5633M Datasheet HTML 1Page - NXP Semiconductors MPC5633M Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Color Indicator Bar/Volume no.
Learn More: For current information about the Qorivva
MPC563xM family, please visit
freescale.com/Qorivva.
Selector Guide
Product
Frequency
Options
Flash
RAM
eTPU2 eMIOS
QADC
Package Options
MPC5634M
40 MHz,
60 MHz,
80 MHz
1.5 MB
94K
1 x
32-ch.
1 x
16-ch.
34-ch.
dual 12-bit
144 LQFP,
176 LQFP,
208 MAPBGA
MPC5633M
40 MHz,
60 MHz,
80 MHz
1 MB
64K
1 x
32-ch.
1 x
16-ch.
34-ch.
dual 12-bit
100 LQFP,
144 LQFP,
176 LQFP,
208 MAPBGA
MPC5632M
40 MHz,
60 MHz
768K
48K
1 x
32-ch.
1 x
8-ch.
32-ch.
dual 12-bit
100 LQFP,
144 LQFP
Qorivva MPC563xM Block Diagram
Interrupt
Contoller
DMA
I/O
Bridge
Boot
Assist
Module
SIU
Up to
1.5 MB
Flash
Up to
94 KB
SRAM
Up to
eMIOS
16-ch.
Up to
3 KB Data
RAM
Up to
14 KB Code
RAM
Up to
32-ch.
eTPU2
3 x 4 Crossbar Switch
Cal Bus
Interface
JTAG
Nexus
IEEE-ISTO
5001-2003
e200z3
VLE
SIMD
(DSP and
Floating Point)
MMU
ADCi
ADC ADC
AMux
DEC
VGA
FlexCAN FlexCAN eSCI eSCI
DSPI
DSPI
Freescale Technology
Freescale, the Freescale logo and CodeWarrior are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm.
Off. Qorivva is a trademark of Freescale Semiconductor, Inc. The Power Architecture and Power.org word marks and the
Power and Power.org logos and related marks are trademarks and service marks licensed by Power.org. All other product or
service names are the property of their respective owners. © 2005, 2010 Freescale Semiconductor, Inc.
Document Number: MPC563XMFS
REV 3
Qorivva MPC563xM Key Features
• e200z3 core, built on Power Architecture
technology, up to 80 MHz
• Single instruction/multiple data (SIMD)
module for DSP and floating
point operations
• Variable length encoding (VLE) capability
to help reduce code footprint by up to 30
percent for improved code density and
reduced memory requirements
• Family includes 768 KB, 1 MB and 1.5 MB
flash memory options with ECC
• Up to 111 KB SRAM
• 32-channel eTPU2 to handle complex timer
applications and offload the CPU
• Up to 34-channel dual analog-to-digital
converter (ADC) with differential channels
and input variable gain amplifiers
• 2 x FlexCAN compatible with TouCAN,
64 + 32 buffers
• 2 x eSCI
• 2 x DSPI (16 bits wide) up to six chip
selects each with continuous mode mode,
DMA and microsecond bus channel
(MSC) support
• Die temperature sensor
• 32-channel enhanced DMA controller
• 191 source interrupt controller
• Nexus IEEE-ISTO 5001-2003 Class 2+
(eTPU2 Class 1)
• Single 5V power supply with internal
regulator supporting 3.3V
• Frequency modulating phase-locked
loop (FMPLL)
• 100 LQFP, 144 LQFP, 176 LQFP, 208
MAPBGA and VertiCal Calibration System
package options



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com