Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVF-SC2 Datasheet(PDF) 2 Page - Fluke Corporation

Part # FVF-SC2
Description  True-rms Industrial Logging Multimeter with TrendCapture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

FVF-SC2 Datasheet(HTML) 2 Page - Fluke Corporation

  FVF-SC2 Datasheet HTML 1Page - Fluke Corporation FVF-SC2 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Function
Range and Resolution
Basic Accuracy
DC volts
AC volts
50.000 mV,500.00 mV, 5.0000 V, 50.000 V,
500.00 V, 1000.0 V
0.025 %
0.4 % (true-rms)
DC current
AC current
500.00 µA, 5000.0 µA, 50.000 mA, 400.00 mA,
5.0000 A, 10.000 A
0.15 %
0.7 % (true-rms)
Temperature
(excluding probe)
-200.0 °C to 1350.0 °C (-328.0 °F to 2462.0 °F)
1.0 %
Resistance
50.000
Ω, 500.00 Ω, 5.0000 kΩ, 50.000 kΩ,
500.00 k
Ω, 5.0000 MΩ, 50.00 MΩ, 500.0 MΩ
0.05 %
Capacitance
1.000 nF,10.00 nF 100.0 nF, 1.000 µF, 10.00 µF,
100.0 µF, 1000 µF, 10.00 mF, 100 mF
1.0 %
Frequency
99.999 Hz, 999.99 Hz, 9.9999 kHz, 99.999 kHz,
999.99 kHz
.005 %
Ordering
information
289
True-rms Industrial
Logging Multimeter
with TrendCapture
Optional accessories
FVF-SC2 FlukeView® Forms
Software with Cable
TLK289 Industrial Test Lead Set
i400
AC Current Clamp
i410
AC/DC Current Clamp
80BK
Integrated DMM
Temperature Probe
TPAK
Magnetic Hanging Kit
C280
Soft Case
Additional Functions/Features
Fluke 289
Multiple on screen displays
Yes
True-rms ac bandwidth
100 kHz
dBV/dBm
Yes
DC mV resolution
1 µV
Megohm range
up to 500 M
Ω
Conductance
50.00 nS
Continuity beeper
Yes
Battery/fuse access
Battery/fuse
Elapse time clock
Yes
Time of day clock
Yes
Min-max-avg
Yes
Duty cycle
Yes
Pulse width
Yes
Isolated optical interface
Yes
Auto/touch hold
Yes
Reading memory
Yes
Log to PC
Yes
Interval/event logging
Yes
Logging memory
up to 15,000 readings
2 Fluke Corporation
289 True-rms Industrial Logging Multimeter with TrendCapture
General
specifications
Maximum voltage between any
terminal and earth ground:
1000 V
Battery type: 6 AA alkaline
batteries, NEDA 15A IEC LR6
Battery life: 100 hours minimum,
200 hours in logging mode
Temperature:
Operating: -20 °C to 55 °C
Storage: -40 °C to 60 °C
Relative humidity: 0 to 90 %
(0 t 37 °C), 0 to 65 % (37 °C to
45 °C), 0 to 45 % (45 °C to 55 °C)
Electromagnetic compatibility:
EMC EN61326-1
Vibration: Random vibration per
MIL-PRF-28800F Class 2
Shock: 1 meter drop per IEC/EN
61010-1 2nd Edition
Size (HxWxL): 22.2 cm x 10.2
cm x 6 cm (8.75 in x 4.03 in x
2.38 in)
Weight: 870.9 g (28 oz)
Fluke Corporation
PO Box 9090, Everett, WA 98206 U.S.A.
Fluke Europe B.V.
PO Box 1186, 5602 BD
Eindhoven, The Netherlands
For more information call:
In the U.S.A. (800) 443-5853 or
Fax (425) 446-5116
In Europe/M-East/Africa +31 (0) 40 2675 200 or
Fax +31 (0) 40 2675 222
In Canada (800)-36-FLUKE or
Fax (905) 890-6866
From other countries +1 (425) 446-5500 or
Fax +1 (425) 446-5116
Web access: http://www.fluke.com
©2008 Fluke Corporation.
Specifications subject to change without notice.
Printed in U.S.A. 7/2008 3032823 D-EN-N Rev B
Modification of this document is not permitted
without written permission from Fluke Corporation.
Fluke. Keeping your world
up and running.®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com