Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB1070B-LW150-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AB1070B-LW150-R
Description  Revised Ceramic Diameter to 7.5mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AB1070B-LW150-R Datasheet(HTML) 1 Page - PUI audio inc.

  AB1070B-LW150-R Datasheet HTML 1Page - PUI audio inc. AB1070B-LW150-R Datasheet HTML 2Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AB1070B-LW150-R
Specifications
Parameters
Values
Units
Resonant Frequency
7,000±600
Hz
Resonant Impedance (Max)
1000
Ohms
Max Input Voltage
15
Vp-p
Capacitance (@ 1,000 Hz)
10,000±30%
pF
Plate Material
Brass
-
Storage Temperature
-20 ~ +80
°C
Operating Temperature
-20 ~ +80
°C
Environmental Compliances
RoHS/REACH
Exempt. 7c-1
Dimensions


Similar Part No. - AB1070B-LW150-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AB1070B-LW100-R PUI-AB1070B-LW100-R Datasheet
104Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
AB1070B-LW100-R PUIAUDIO-AB1070B-LW100-R Datasheet
262Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AB1070B-LW150-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX37 MACOM-GTCX37 Datasheet
134Kb / 6P
Gas Discharge Tube Three Electrode 7.5mm Diameter
logo
Projects Unlimited, Inc...
AI-2331-TWT-2-R PUI-AI-2331-TWT-2-R Datasheet
208Kb / 1P
REVISED TO INVENTOR 3-D DRAWINGTEMPLATE
AI-2835-TF-LW150-3-R PUI-AI-2835-TF-LW150-3-R Datasheet
209Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4228-P-SP120-R PUI-AI-4228-P-SP120-R Datasheet
191Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4328-P-C120D-R PUI-AI-4328-P-C120D-R Datasheet
233Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4329-P-FP28-R PUI-AI-4329-P-FP28-R Datasheet
219Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AT-0927-TT-2-R PUI-AT-0927-TT-2-R Datasheet
200Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3425-TWT-R PUI-AT-3425-TWT-R Datasheet
220Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-4230-TF-LW135-R PUI-AT-4230-TF-LW135-R Datasheet
189Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
REVISED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com