Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB1548B-3-LW76-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AB1548B-3-LW76-R
Description  RELEASED FROM ENGINEERING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AB1548B-3-LW76-R Datasheet(HTML) 1 Page - PUI audio inc.

  AB1548B-3-LW76-R Datasheet HTML 1Page - PUI audio inc. AB1548B-3-LW76-R Datasheet HTML 2Page - PUI audio inc. AB1548B-3-LW76-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AB1548B-3-LW76-R
Specifications
Parameters
Values
Units
Resonant Frequency
4,800 ± 500
Hz
Resonant Impedance (Max)
2,000
Ohms
Max Input Voltage
20
Vp-p
Capacitance (@ 1V/1kHz)
7,500 ± 30%
pF
Plate Material
Brass
-
Storage Temperature
-30 ~ +80
°C
Operating Temperature
-20 ~ +70
°C
Weight
0.2
Grams
Environmental Compliances
RoHS/REACH
Exempt. 7c-1
Dimensions
Solder Joint Glue: MTGEP27
Adhesive Backing
(Transparent Blue)
Brass
Ceramic
F6080WP (Double-sided foam pad)


Similar Part No. - AB1548B-3-LW76-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AB1548B PUI-AB1548B Datasheet
54Kb / 1P
PIEZO CERAMIC BENDER
logo
PUI audio inc.
AB1548B PUIAUDIO-AB1548B Datasheet
178Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AB1548B-3-LW76-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com