Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA112B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LA112B
Description  LED ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA112B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LA112B Datasheet HTML 1Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 2Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 3Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 4Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 5Page - List of Unclassifed Manufacturers LA112B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without not
ice.
LVY2643-1
LVG2643-1
Package Dimensions
PART NO. LA112B/VY.VG-4
Page 1/5
4.45
±0.5
3.2
±0.3
□0.5
TYP
6.99
±0.5
+
-
2.54TYP
2.65
5.0
VG
VY
4.3
8.2
2.5
±0.5
2.9
9.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com