Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87993I Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS87993I
Description  1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87993I Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS87993I Datasheet HTML 6Page - Integrated Circuit Systems ICS87993I Datasheet HTML 7Page - Integrated Circuit Systems ICS87993I Datasheet HTML 8Page - Integrated Circuit Systems ICS87993I Datasheet HTML 9Page - Integrated Circuit Systems ICS87993I Datasheet HTML 10Page - Integrated Circuit Systems ICS87993I Datasheet HTML 11Page - Integrated Circuit Systems ICS87993I Datasheet HTML 12Page - Integrated Circuit Systems ICS87993I Datasheet HTML 13Page - Integrated Circuit Systems ICS87993I Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
87993AYI
www.icst.com/products/hiperclocks.html
REV. B May 21, 2003
10
Integrated
Circuit
Systems, Inc.
ICS87993I
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL
PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
C4
50 Ohm
Traces
C3
VCCA
C1
GND
R7
C2
VCC
C11
U1
VIA
Pin 1
C16
FIGURE 5B. PCB BOARD LAYOUT FOR ICS87993I
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors as close as possible to the power
pins. If space allows, placement of the decoupling capacitor on
the component side is preferred. This can reduce unwanted in-
ductance between the decoupling capacitor and the power pin
caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed
as close to the V
DDA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital systems,
the clock signal is less tolerant to poor signal integrity than other
signals. Any ringing on the rising or falling edge or excessive ring
back can cause system failure. The shape of the trace and the
trace delay might be restricted by the available space on the board
and the component location. While routing the traces, the clock
signal traces should be routed first and should be locked prior to
routing other signal traces.
• The differential 50
Ω output traces should have same
length.
• Avoid sharp angles on the clock trace. Sharp angle turns
cause the characteristic impedance to change on the
transmission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid placing vias on the clock traces. Placement
of vias on the traces can affect the trace characteristic
impedance and hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between the
clock trace pair.
• The series termination resistors should be located as close
to the driver pins as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com