Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMM-2742-T-R Datasheet(PDF) 5 Page - PUI audio inc.

Part # AMM-2742-T-R
Description  Pre-MIL-STD-883 Method 2007, Test Condition B
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AMM-2742-T-R Datasheet(HTML) 5 Page - PUI audio inc.

  AMM-2742-T-R Datasheet HTML 1Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 2Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 3Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 4Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 5Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 6Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 7Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 8Page - PUI audio inc. AMM-2742-T-R Datasheet HTML 9Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Recommended Reflow Soldering Procedure
Reliability Testing
Type of Test
Test Specifications
Simulated Reflow
(Without Solder)
Samples for qualification testing require 3 passes 260±5 ℃ reflow
solder profiles. 2 hours of setting time is required between each
reflow profile test.
Static Humidity
Precondition at +25℃ for 1 hour. Expose to +85℃ with 85%
relative humidity for 1000 hours. Finally, dry at room ambient for
3±1 hour before taking final measurement.
Temperature Shock
Each cycle shall consist of 30 minutes at -40℃, 30 minutes at
+125℃ with 5 minutes transition time. Test duration is for 30
cycles, starting from cold to hot temperature.
ESD Sensitivity
Perform ESD sensitivity threshold measurements for each contact
according to MIL-STD-883G, Method 3015.7 for Human Body
Model. Identify the ESD threshold levels indicating passage of
8000V Human Body Model.
Vibration Test
Vibrate randomly along three perpendicular directions for 30
minutes in each direction, 4 cycles from 20~2000 Hz with a peak
acceleration of 20 Gs.
Shock Test
Subject samples to half-sine shock pulses (3000±15% Gs for
0.3ms) in each direction, for a total of 18 shocks.
Drop Test
Drop samples from 1.5m height onto a steel surface, total 18
times and inspected for mechanical damage.
Operation Life
Subject samples to +125℃ for 168 hours under full maximum
rated voltage.
Microphone frequency response and sensitivity shall not deviate more than ±3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com