Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMM-3738-B-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AMM-3738-B-R
Description  Released from Engineering
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AMM-3738-B-R Datasheet(HTML) 1 Page - PUI audio inc.

  AMM-3738-B-R Datasheet HTML 1Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 2Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 3Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 4Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 5Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 6Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 7Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 8Page - PUI audio inc. AMM-3738-B-R Datasheet HTML 9Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AMM-3738-B-R
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-38±1
dB
Rated Voltage
2
VDC
Operating Voltage Range
1.5 to 3.6
VDC
Output Impedance (@ 1 kHz)
300
Ω
Current consumption
(at 2 VDC/at 3.6 VDC)
90/200
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
62
dB
Decreasing Voltage
(0 dB=1V/Pa, 3.6 to 1.5 VDC)
0.5
dB
Frequency Range
20 – 20,000
Hz
Total Harmonic Distortion
(94 dB @ 50cm, 1 kHz)
0.5%
-
Acoustic Overload Point (AOP)
(50cm, 1kHz, 10% THD)
125
dB
Directivity
Omnidirectional
Acceptable Soldering Methods
Reflow Solder
See page 5 for soldering
information
Environmental Compliances
RoHS/Halogen Free
Power Supply Rejection
(PSR, 100 mVpp Square Wave
@ 217 Hz, A-weighted)
-90
dB
Weight
<0.3
Grams
Operating Temperature
(VDD < 3 VDC)
-40 ~ +100
°C
Operating Temperature
(VDD > 3 VDC)
-40 ~ +70
°C
Storage Temperature
-40 ~ +125
°C
MSL (Moisture Sensitivity Level)*
1
-
*MSL level dependent on product remaining in sealed packaging until use
Absolute Maximum Ratings
Parameters
Values
Units
Max Voltage on Any Pin
4
VDC
Max Sound Pressure Level
160
dB
Max Mechanical Shock
10,000
Gs
Max Vibration
Pre-MIL-STD-883 Method 2007, Test Condition B


Similar Part No. - AMM-3738-B-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AMM-3742-3-T PUIAUDIO-AMM-3742-3-T Datasheet
841Kb / 8P
2.95mm x 3.76mm package
04/21/2025
More results

Similar Description - AMM-3738-B-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com