Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01508MR-6-LW100-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS01508MR-6-LW100-R
Description  Released from Engineering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01508MR-6-LW100-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS01508MR-6-LW100-R Datasheet HTML 1Page - PUI audio inc. AS01508MR-6-LW100-R Datasheet HTML 2Page - PUI audio inc. AS01508MR-6-LW100-R Datasheet HTML 3Page - PUI audio inc. AS01508MR-6-LW100-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2022, PUI Audio Inc.
www.puiaudio.com
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at 70°C
Low Temperature Test
96 hours at -30°C
Humidity Test
96 hours at 30°C, 92-95% RH
Temperature Humidity
Cycle Testing
Run for 5 cycles with each cycle consisting of:
Vibration Test
Frequency: 10-55-10Hz Oct/Min
Amplitude: 1.5mm
Duration: 2 hours each of 33 perpendicular directions
Life Test
White-Noise at rated power for 96 hours.
Drop Test
Fix onto exclusive tool, drop on concrete surface, height
100cm; all 6 surfaces, 5 time each, total 30 times
After each test the part shall be within ±3dB of initial SPL.
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com