Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE02008MS-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # ASE02008MS-LW100-R
Description  measured with 2.83V, Temperature: 15 ~ 35°C, Relative Humidity: 25%~70%)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

ASE02008MS-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  ASE02008MS-LW100-R Datasheet HTML 1Page - PUI audio inc. ASE02008MS-LW100-R Datasheet HTML 2Page - PUI audio inc. ASE02008MS-LW100-R Datasheet HTML 3Page - PUI audio inc. ASE02008MS-LW100-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
www.puiaudio.com
Data Sheet
ASE02008MS-LW100-R
PUI Audio’s ASE02008MS-LW100-R combines our most powerful 15x11mm speaker together with a
small 20mm square housing. Xmax and Tmax specifications are included for plug-and-play operation
with smart amplifiers, and 100mm lead wires offer quick, simple electrical connection.
Specifications
Parameters
Values
Units
Rated Power Handling
1
Watts
Max Power Handling
1.3
Watts
Impedance @ 2 kHz
8 ± 15%
Ohms
Sensitivity (SPL @ 2.83V/10cm)
Avg. 0.8, 1, 1.5, 2 kHz in 1cc enclosure
97 ± 3
dB
Resonant Frequency
(In 1cc enclosure)
950±20%
Hz
Frequency Range (-10 dB)
500 ~ 20,000
Hz
Xmax (where BL product drops by 20%)
0.3
mm
Tmax (max voice coil temperature)
90
°C
Housing Material
ABS
-
Magnet Material
NdFeB
-
Polarity
With positive voltage applied to the
positive terminal, the diaphragm will
move outward
-
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-20 ~ +70
°C
Weight
15
Grams
Measurement Method (measured with 2.83V, Temperature: 15 ~ 35°C, Relative Humidity: 25%~70%)
Standard test condition of speaker
Microphone
B&K Type 4191
Speaker
Power Amplifier
Audio Analyzer B&K Type 2012
Standard Baffle Board Recommended
In IEC 268-5 Where 1650mmx1350mm


Similar Part No. - ASE02008MS-LW100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASE02008MR-LW150-R ETC2-ASE02008MR-LW150-R Datasheet
267Kb / 1P
ASE02008MR-LW150-R
logo
Projects Unlimited, Inc...
ASE02008MR-LW150-R PUI-ASE02008MR-LW150-R Datasheet
267Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
More results

Similar Description - ASE02008MS-LW100-R

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
Digital relative humidity & temperature sensor
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com