Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM-4026-B-I2S-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # DMM-4026-B-I2S-R
Description  I2S 24-bit data size with 18-bit precision, 32-bit word size
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

DMM-4026-B-I2S-R Datasheet(HTML) 1 Page - PUI audio inc.

  DMM-4026-B-I2S-R Datasheet HTML 1Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 2Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 3Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 4Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 5Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 6Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 7Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 8Page - PUI audio inc. DMM-4026-B-I2S-R Datasheet HTML 9Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
DMM-4026-B-I2S-R
Specifications
Parameters
Condition
Values
Units
Directivity
Omnidirectional
Data Format (Single Channel)
I2S 24-bit data size with 18-bit precision, 32-bit word size
Sensitivity
1 kHz @ 50cm with 94 dB source
0 dB=1V/Pa
-26±1
dB
Rated Voltage
-
1.8
VDC
Operating Voltage Range
-
1.5 to 3.6
VDC
Supply Current
Normal Mode
820 ~ 1000
µA
Sleep Mode (clock off)
5
µA
Signal-to-Noise Ratio
1kHz, 94 dB input, A-weighted
64
dB
Frequency Range
20~20,000
Hz
Total Harmonic Distortion
(typical)
110 dB @ 50cm, 1 kHz acoustic
source
1%
-
Startup Time
Sensitivity reaching 90% of
listed value from initial power-
up
20
mS
From Sleep Mode
20
mS
From Normal Mode to Sleep
Mode
20
mS
Input Clock Frequency
Normal Mode
2.048 ~ 4.096
MHz
Sleep Mode
320
kHz
Clock Jitter
Long Term RMS
500
pS
Load Capacitance
-
140
pF
Pass Band
Fs=48 kHz
18
kHz
Pass Band Attenuation
-
0.5
dB
Acceptable Soldering Methods
Reflow Solder
See page 4
for soldering
information
Environmental Compliances
RoHS/Halogen Free
Power Supply Rejection
100 mVpp Square Wave
@ 217 Hz, A-weighted
-86
dBFS
Weight
<0.3
Grams
Operating Temperature
-40 ~ +100
°C
Storage Temperature
-40 ~ +125
°C
MSL (Moisture Sensitivity Level)*
1
-
*MSL level dependent on product remaining in sealed packaging until use


Similar Part No. - DMM-4026-B-I2S-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
DMM-4026-2-T PUIAUDIO-DMM-4026-2-T Datasheet
1,016Kb / 9P
3.00mm x 4.00mm package
04/21/2025
DMM-4026-T PUIAUDIO-DMM-4026-T Datasheet
1Mb / 9P
Released from engineering
06/30/2025
More results

Similar Description - DMM-4026-B-I2S-R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
logo
Intel Corporation
80960SA INTEL-80960SA Datasheet
374Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
80960SB INTEL-80960SB Datasheet
382Kb / 38P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
logo
OKI electronic componet...
MR26V25605J OKI-MR26V25605J Datasheet
88Kb / 8P
8M-Word x 32-bit or 16M-Word x 16-BIt P2ROM
MR26V25655J OKI-MR26V25655J Datasheet
90Kb / 8P
8M-Word x 32-Bit or 16M-Word x 16-Bit
logo
Intel Corporation
EE80960SB16512 INTEL-EE80960SB16512 Datasheet
1Mb / 38P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
logo
Axiomtek Co., Ltd.
AX92904 AXIOMTEK-AX92904_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with 32 bit DIO
logo
Linear Technology
LTC2500-32 LINER-LTC2500-32 Datasheet
771Kb / 10P
32-Bit/24-Bit Oversampling ADCs with Configurable Digital Filter
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
24-bit I2S Audio DAC with 2 Vrms Output
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
18-BIT PRECISION DATA ACQUISITION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com