Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-EM0602-LW15-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # HD-EM0602-LW15-R
Description  Designed to be driven with 3 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

HD-EM0602-LW15-R Datasheet(HTML) 2 Page - PUI audio inc.

  HD-EM0602-LW15-R Datasheet HTML 1Page - PUI audio inc. HD-EM0602-LW15-R Datasheet HTML 2Page - PUI audio inc. HD-EM0602-LW15-R Datasheet HTML 3Page - PUI audio inc. HD-EM0602-LW15-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2022, PUI Audio Inc.
www.puiaudio.com
Reliability Testing
Type of Test
Test Specifications
Pass/Fail Criteria
High
Temperature
After each test, motors rest for 4 hours at
room temperature. After rest, the motor
shall meet the following initial values:
1) Rated Speed: -30%/+50% initial
2) Rated Current: ± 30% initial
3) Starting Voltage: 2.5 VDC
4) Insulation Resistance: ≥10MΩ
Low
Temperature
High
Temperature
Storage
Low
Temperature
Storage
Thermal Shock
Free Drop
Drop from listed drop height:
Jig Mass: 100 grams (including
motor)
Drop Height: 1.53 meters
Test Cycles: 6 Faces, 8 Corners,
12 edges (3x each)
Vibration
Frequency: 10 ~ 125 Hz
Cycle Time: 5 min log sweep
Test Orientation: X, Y, Z
Test Duration: 2 hour XY, 4 hour
Z
Lifetime
Test Cycles: 500,000 (@ 3VDC)
Test Time:~ 6 days (“on”
duration)
Cycle: 0.5s on, 0.5s off = 1 cycle
(1s)
After testing, each motor must achieve the listed Pass/Fail Criteria for the appropriate test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com