Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD-EMB1005-LW25-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # HD-EMB1005-LW25-R
Description  Designed to be driven with 3 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

HD-EMB1005-LW25-R Datasheet(HTML) 2 Page - PUI audio inc.

  HD-EMB1005-LW25-R Datasheet HTML 1Page - PUI audio inc. HD-EMB1005-LW25-R Datasheet HTML 2Page - PUI audio inc. HD-EMB1005-LW25-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Measurement Methods
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
Temperature: 85°C
Test Duration Time: 96 hours
Low Temperature Test
Temperature: -40°C
Test Duration Time: 96 hours
Humidity Test
Temperature: 70°C
Room Humidity: 90%
Test Duration Time: 96 hours
Temperature Cycle Testing
Run for two cycles with the motor driving for 0.5 seconds
on 0.5 seconds off:
Vibration Test
3mm deflection at 1000 cycles per minute, for 10 minutes
in each axis (X, Y, Z).
Drop Test
Weight: Set linear vibration motor to ~100g (including
linear vibration motor) weight of block.
Drop Height: 150cm
Floor Material: Steel
Test Axis: ±X, ±Y, ±Z; total 6 faces
Test Repetition: 2 time per face (12 total)
Load Test
1,000,000 operating cycles at room temperature
Test Cycle: 0.5 seconds on, 0.5 second off
Acceleration, resistance, rated current and noise must meet specifications after allowing the
device to rest for 12 hours after test.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com