Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX2/1-2U1 Datasheet(PDF) 4 Page - NEC

Part # EX2/1-2U1
Description  Automotive Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EX2/1-2U1 Datasheet(HTML) 4 Page - NEC

  EX2/1-2U1 Datasheet HTML 1Page - NEC EX2/1-2U1 Datasheet HTML 2Page - NEC EX2/1-2U1 Datasheet HTML 3Page - NEC EX2/1-2U1 Datasheet HTML 4Page - NEC EX2/1-2U1 Datasheet HTML 5Page - NEC EX2/1-2U1 Datasheet HTML 6Page - NEC EX2/1-2U1 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TECHNICAL DATA
Coil Temperature Rise
0
50
100
150
0
5
10
15
Time (min)
16V
12V
6.5V
0
50
100
150
00.5
11.5
Coil Wattage (W)
Phone 707-996-5201
Fax 707-996-3380
www.worldproducts.com
email: sales@worldproducts.com
WORLD PRODUCTS INC.
ELECTRONIC COMPONENT SOLUTIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com