Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A212S Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A212S
Description  Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A212S Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A212S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A212S Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8821B
07/05/06
PI3A212S
Small Plastic Package, Dual SPDT Audio Clickless
Analog Switch (with Shunt Switches)
Recommended Operating Conditions(3)
Supply Voltage Operating (VCC) . . . . . . . . . . . . . 2.7V to 4.2V
Control Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . 0V to VCC
Switch Input Voltage (VIN). . . . . . . . . . . . . . . . . . -0.3V to VCC
Output Voltage (VOUT) . . . . . . . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature (TA) . . . . . . . . . . . . . . . –40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V. . . . . . . . . 0ns/V to 10ns/V
Thermal Resistance (θJA) . . . . . . . . . . . . . . . . . . . . . . 350°C/W
Absolute Maximum Ratings(1)
Supply Voltage VCC ......................................... –0.5V to +4.6V
DC Switch Voltage (VS)(2) ........................–0.5V to VCC +0.5V
DC Input Voltage (VIN)(2) ................................ –0.5V to +4.6V
Storage Temperature Range (TSTG) .............. –65°C to +150°C
Junction Temperature under Bias (TJ) .............................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................260°C
Power Dissipation (PD) @ +85°C .................................. 180mW
Notes:
1.
"Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not implied.
2.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
3.
Control input must be held HIGH or LOW; it must not float.
06-0096



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com