Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPS-69C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFPS-69C
Description  Tri-state CMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPS-69C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFPS-69C Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPS-69C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPS-67, -68, -69
ISSUE 1; 20 APRIL 2006
Delivery Options
■
Please contact our sales office for current leadtimes
Output Compatibility
■
Tri-state CMOS
■
Drive Capability 15pF max
Package Outline
■
5.0
x 3.2 x 0.95mm SMD Ceramic Package
Standard Frequency Stabilities
■ ±25ppm, ±50ppm, ±100ppm (inclusive of supply voltage &
output load variations over the operating temperature
range)
Operating Temperature Ranges
■
-10 to 70°C ( CFPS-67, -68, -69 )
■ -40 to 85°C ( CFPS-67I, -68I, -69I)
Storage Temperature Range
■
–55 to 125°C
Tri-state Operation
■ Logic ‘1’ to pad 1 enables oscillator output (> 70% Vs)
■ Logic ‘0’ to pad 1 disables oscillator output; when the
oscillator output goes to the high impedance state
(< 30% Vs)
■ No connection to pad 1 enables oscillator output
■ Standby current 1
µA max
Solder Conditions
■
For typical soldering conditions, please see the relevant
pages in Applications Notes
Marking
■
Model number
■
Frequency
Minimum Order Information Required
■
Frequency + Model Number + Operating Temperature
Code (if applicable) + Frequency Stability
Outline in mm
Output Waveform
tr
tf
t
T
90%Vs
10%Vs
+Vs
Duty cycle = t x 100(%)
T
1/2 Vs
0V
50%Vs
1.0
0.15
5.0±0.2
Solder pad layout
Pad Connections
1. Enable/Disable
2. GND
3. Output
4. +Vs
1
3
4
2
1.0
1.4
1.4
1.1
2.54
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990
Oscilloscope
Oscillator
43
12
Frequency
Counter
0.1
µF
A
Power
Supply
V
15pF *
* Inclusive of jigging & equipment capacitance
+Vs
+Vs
Test circuit


Similar Part No. - CFPS-69C

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-69 IQD-CFPS-69 Datasheet
383Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - CFPS-69C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
CMOS Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
Dec-2002
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
logo
List of Unclassifed Man...
SM1100C ETC1-SM1100C Datasheet
77Kb / 2P
CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31_06 Datasheet
180Kb / 15P
CMOS quad tri-state differential line driver
02-May-2006
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
CMOS Qual TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
CMOS Quad TRI-STATE Differential Line Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com