Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 140Page - STMicroelectronics ST20-C1 Datasheet HTML 141Page - STMicroelectronics ST20-C1 Datasheet HTML 142Page - STMicroelectronics ST20-C1 Datasheet HTML 143Page - STMicroelectronics ST20-C1 Datasheet HTML 144Page - STMicroelectronics ST20-C1 Datasheet HTML 145Page - STMicroelectronics ST20-C1 Datasheet HTML 146Page - STMicroelectronics ST20-C1 Datasheet HTML 147Page - STMicroelectronics ST20-C1 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 205 page
background image
144/205
®
smacloop
short multiply accumulate loop
Code: 21 F6
Description: Multiply pairs of signed16-bit values and accumulate the products. On
entry Areg and Breg contain the addresses of arrays X and Y of 16-bit values and
Creg holds the initial 32-bit accumulator. On exit the accumulator is in Areg, while
Breg and Creg contain the next addresses in the X and Y arrays respectively. The X
values can be in a circular buffer whose address is exactly divisible by the size. The
loop count, buffer size, mode and scaling codes, held in the status register, may be set
by the
smacinit instruction.
Warning: This instruction is not interruptible. If interrupt latency is critical then a
similar result may be achieved by executing the instruction many times with small
counts. The result may not be the same, since rounding occurs at the end of the
instruction from the internal 48-bit accumulator to a 32-bit result.
Definition:
if (Statusoverflow)
Areg
′← max
else if (Statusunderflo w)
Areg
′← min
else if (
overflow)
{
Status
′
overflow ← set
Areg
′← max
}
else if (
underflow)
{
Status
′
underflo w ← set
Areg
′← min
}
else
{
Areg
′← acc >>
arith shift1
}
Breg
′← xaddress (Status
mac_count)
Creg
′← Breg + (2 × Status
mac_count)
where
acc = (Creg << shift1) + (1 << (shift1-1))
+
Σ
i=0..n-1[sixteen[xaddress(i )] × (sixteen[Breg + 2.i] << shift2)]
–
the value of acc is calculated to 48-bit precision
if (Statusmac_count = 0) n=256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com