Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-C1 Datasheet (PDF) - STMicroelectronics

ST20-C1 Datasheet PDF - STMicroelectronics
Part # ST20-C1
Download  ST20-C1 Download
File Size   856.24 Kbytes
Page   205 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Instruction Set Reference Manual

ST20-C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST20-C1 Datasheet PDF - STMicroelectronics

Part # ST20-C1
Download  ST20-C1 Click to download

File Size   856.24 Kbytes
Page   205 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Instruction Set Reference Manual

ST20-C1 Datasheet (HTML) - STMicroelectronics


ST20-C1 Product details

Introduction
This manual provides a summary and reference to the ST20 architecture and instruction set for the ST20-C1 core.
ST20 is a technology for building successful embedded VLSI designs. ST20 devices comprise a collection of VLSI macro-cells connected through a high-performance onchip bus. This architecture allows the easy construction of both general purpose (e.g. ST20-MC1 micro-controller) and application specific devices (e.g. ST20-TPx digital set top box family).

ST20-C1 features
The ST20-C1 has the following features:
• It is implemented as a 2-way superscalar, 3-stage pipeline, with an internal 16- word register cache. This architecture can sustain 4 instructions in progress, with a maximum of 2 instructions completing per cycle.
• It uses a variable length instruction coding scheme based on 8-bit units which gives excellent static and dynamic code size. Instructions take between 1 and 8 units to code, with an average of 1.25 units (10 bits) per instruction.
• It provides flexible prioritized vectored interrupt capabilities. The worst case interrupt latency is 0.5 microseconds (at 33 Mhz operating frequency).
• It provides extensive instruction level support for 16-bit digital signal processing (DSP) algorithms.
• It is particularly suitable for low power and battery-powered applications, with low core operating power, and sophisticated power management facilities.
• It provides extensive real-time debugging capability through the optional ST20 diagnostic controller unit (DCU) macro-cell, which supports fully non-intrusive breakpoints, watchpoints and code tracing.
• It has a flexible and powerful built-in hardware scheduler. This is a light-weight real-time operating system (RTOS) directly implemented in the microcode of the ST20-C1 processor. The hardware scheduler can be customized and provides support for software schedulers.
• It provides a built-in user-programmable 32-bit input/output register providing system control and communication capability directly from the CPU.




Similar Part No. - ST20-C1

ManufacturerPart #DatasheetDescription
logo
RFE international
ST20-103 RFE-ST20-103 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-104 RFE-ST20-104 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-154 RFE-ST20-154 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-202 RFE-ST20-202 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-204 RFE-ST20-204 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
More results


Similar Description - ST20-C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20C2 STMICROELECTRONICS-ST20C2 Datasheet
647Kb / 212P
Instruction Set Reference Manual
Jan-1996
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
SAM47 INSTRUCTION SET
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
DENSEI-LAMBDA
PAF600F280 LAMBDA-PAF600F280 Datasheet
897Kb / 13P
Instruction Manual
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
08-Feb-2013
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
26-Mar-2015
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
25-Mar-2015
logo
Nanjing Qinheng Microel...
CH561 WCH-CH561 Datasheet
731Kb / 96P
Manual instruction
logo
List of Unclassifed Man...
PX-601 ETC1-PX-601 Datasheet
3Mb / 2P
INSTRUCTION MANUAL
MC340 ETC-MC340 Datasheet
294Kb / 2P
MC340 Instruction Manual
Rev. MC340_1347en
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com