Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6 Datasheet (PDF) - STMicroelectronics

STM8S005C6 Datasheet PDF - STMicroelectronics
Part # STM8S005C6
Download  STM8S005C6 Download
File Size   1326.71 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Extended instruction set

STM8S005C6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8S005C6 Datasheet PDF - STMicroelectronics

Part # STM8S005C6
Download  STM8S005C6 Click to download

File Size   1326.71 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Extended instruction set

STM8S005C6 Datasheet (HTML) - STMicroelectronics


STM8S005C6 Product details

Introduction
This datasheet contains the description of the device features, pinout, electrical characteristics, mechanical data and ordering information.
• For complete information on the STM8S microcontroller memory, registers and peripherals, please refer to the STM8S microcontroller family reference manual (RM0016).
• For information on programming, erasing and protection of the internal Flash memory please refer to the STM8S Flash programming manual (PM0051).
• For information on the debug and SWIM (single wire interface module) refer to the STM8 SWIM communication protocol and debug module user manual (UM0470).
• For information on the STM8 core, please refer to the STM8 CPU programming manual (PM0044).

Description
The STM8S005xx value line 8-bit microcontrollers offer 32 Kbytes of Flash program memory, plus 128 bytes of data EEPROM. They are referred to as medium-density devices in the STM8S microcontroller family reference manual (RM0016). All devices of the STM8S005xx value line provide the following benefits: performance, robustness, reduced system cost, and short develoment cycles.
Device performance and robustness are ensured by true data EEPROM supporting up to 100 000 write/erase cycles, advanced core and peripherals made in a state-of-the art technology, a 16 MHz clock frequency, robust I/Os, independent watchdogs with separate clock source, and a clock security system.
The system cost is reduced thanks to high system integration level with internal clock oscillators, watchdog and brown-out reset.
Common family product architecture with compatible pinout, memory map and modular peripherals allow application scalability and reduced development cycles.
All products operate from a 2.95 to 5.5 V supply voltage.
Full documentation is offered as well as a wide choice of development tools.

Features
Core
   • 16 MHz advanced STM8 core with Harvard architecture and 3-stage pipeline
   • Extended instruction set
Memories
   • Medium-density Flash/EEPROM:
      - Program memory: 32 Kbytes of Flash memory; data retention 20 years at 55°C after 100 cycles
      - Data memory: 128 bytes of true data EEPROM; endurance up to 100 k write/erase cycles
   • RAM: 2 Kbytes
Clock, reset and supply management
   • 2.95 V to 5.5 V operating voltage
   • Flexible clock control, 4 master clock sources:
      - Low power crystal resonator oscillator
      - External clock input
      - Internal, user-trimmable 16 MHz RC
      - Internal low power 128 kHz RC
   • Clock security system with clock monitor
   • Power management:
      - Low power modes (wait, active-halt, halt)
      - Switch-off peripheral clocks individually
   • Permanently active, low consumption power-on and power-down reset
Interrupt management
   • Nested interrupt controller with 32 interrupts
   • Up to 37 external interrupts on 6 vectors
Timers
   • 2x 16-bit general purpose timers, with 2+3 CAPCOM channels (IC, OC or PWM)
   • Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead-time insertion and flexible synchronization
   • 8-bit basic timer with 8-bit prescaler
   • Auto wake-up timer
   • Window and independent watchdog timers
Communications interfaces
   • UART with clock output for synchronous operation, Smartcard, IrDA, LIN
   • SPI interface up to 8 Mbit/s
   • I2C interface up to 400 Kbit/s
Analog-to-digital converter (ADC)
   • 10-bit, ±1 LSB ADC with up to 10 multiplexed channels, scan mode and analog watchdog
I/Os
   • Up to 38 I/Os on a 48-pin package including 16 high sink outputs
   • Highly robust I/O design, immune against current injection
Development support
   • Embedded single wire interface module (SWIM) for fast on-chip programming and non intrusive debugging




Similar Part No. - STM8S005C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S005C6T6 STMICROELECTRONICS-STM8S005C6T6 Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S005C6T6C STMICROELECTRONICS-STM8S005C6T6C Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S005C6T6CTR STMICROELECTRONICS-STM8S005C6T6CTR Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, IC
13-Jun-2012
STM8S005C6T6CTR STMICROELECTRONICS-STM8S005C6T6CTR Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
STM8S005C6T6TR STMICROELECTRONICS-STM8S005C6T6TR Datasheet
1,006Kb / 103P
Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
13-Jun-2012
More results


Similar Description - STM8S005C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
Jul-1997
ST20C2 STMICROELECTRONICS-ST20C2 Datasheet
647Kb / 212P
Instruction Set Reference Manual
Jan-1996
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
SAM47 INSTRUCTION SET
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
Extended instruction set
08-Feb-2013
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
03-May-2017
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
25-Mar-2015
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
23-Sep-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com