Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012-005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2012-005
Description  ANALOG ACCELEROMETER MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2012-005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2012-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2012-005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2012-005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
Sep 07
Model 2012 Analog Accelerometer Module
ABSOLUTE MAXIMUM RATINGS *
Case Operating Temperature . . . . . . . . . . . . . . -55 to +125
EC
Storage Temperature . . . . . . . . . . . . . . . . . . . . -55 to +125
EC
Acceleration Over-range . . . . . . . . . . . . . . . . 2000g for 0.1 ms
Voltage on V
DD to GND . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on AOP or AON to GND
1 . . . . . . . -0.5V to V
DD+0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 250 mW
* NOTICE:
Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only.
Functional operation of the
device at or above these conditions is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CONSIDERATIONS:
The model 2012 accelerometer is a CMOS device subject to
damage by large electrostatic discharges. Diode protection is
provided on the outputs but care should be exercised during
handling of the cable wire ends. Individuals and tools should be
grounded before coming in contact with the cable wire ends.
PERFORMANCE - By Model: V
DD=+5VDC, TC=25
EC.
MODEL NUMBER
2012-002
2012-005
2012-010
2012-025
2012-050
2012-100
2012-200
2012-400
Units
Input Range
±5
±10
±10
±25
±50
±100
±200
±200
g
Frequency Response (Nominal, 3 dB)
0 - 300
0 - 400
0 - 600 0 - 1000 0 - 1600 0 - 2000 0 - 2500 0 - 3000
Hz
Sensitivity - Differential
2
2000
800
400
160
80
40
20
10
mV/g
Output Noise (differential RMS, typical)
13
32
63
158
316
632
1265
2530
µ
g/(root Hz)
Max. Mechanical Shock (0.1 ms)
2000
g
PERFORMANCE - All Models: Unless otherwise specified, V
DD=+5VDC, TC=25
EC, Differential Mode.
PARAMETER
Min
Typ
Max
Units
Cross Axis Sensitivity
2
3
%
Bias Calibration Error
3
-002
2
4
% of span
-005
1
3
-010 thru -400
1
2
Bias Temperature Shift
(T
C= -55 to +125EC)
3
-002 & -005
100
300
(ppm of span)/
EC
-010 thru -400
50
200
Scale Factor Calibration Error
3, 4
1
2
%
Scale Factor Temperature Shift (T
C= -55 to +125EC)
3
+300
ppm/
EC
Non-Linearity
(-90 to +90% of Full Scale)
3, 4
-002 thru -100
0.5
1.0
% of span
-200
0.7
1.5
-400
1.0
2.0
Power Supply Rejection Ratio
25
dB
Output Impedance
90
Operating Voltage
4.75
5.0
5.25
V
Operating Current
3
8
10
mA
Mass (not including cable)
8
grams
Cable Mass
25
grams/meter
Notes:
1. Voltages on the AOP & AON signal wires may exceed 0.5 volt above or below the supply voltages provided the current is limited to 1 mA.
2. Single ended sensitivity is half of values shown.
3. Tighter tolerances available on special order.
4. 100g versions and above are tested from -65g to +65g.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com