Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400ST-R120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 400ST-R120
Description  Air Ultrasonic Ceramic Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

400ST-R120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  400ST-R120 Datasheet HTML 1Page - List of Unclassifed Manufacturers 400ST-R120 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Ultrasonic Ceramic Transducers
400ST/R120
Specification
400ST120
Transmitter
400SR120
Receiver
Center Frequency
40.0
±1.0Khz
Bandwidth (-6dB)
400ST120
2.0Khz
400SR120
2.0Khz
Transmitting Sound Pressure
Level
at 40.0Khz; 0dB re 0.0002
µbar
per 10Vrms at 30cm
115dB min.
Receiving Sensitivity
at 40.0Khz 0dB = 1 volt/
µbar
-67dB min.
Capacitance at 1Khz
±20%
2400 pF
Max. Driving Voltage (cont.)
20Vrms
Total Beam Angle
-6dB
85
° typical
Operation Temperature
-30 to 80
°C
Storage Temperature
-40 to 85
°C
All specification taken typical at 25
°C
Closer frequency tolerance can be supplied
upon request.
Model available:
1
400ST/R120
Aluminum Housing
2
400ST/R12B
Black Al. Housing
Dimensions: dimensions are in mm
Impedance/Phase Angle vs. Frequency
Tested under 1Vrms Oscillation Level
400SR120 Impedance
400SR120 Phase
400ST120 Impedance
400ST120 Phase
Sensitivity/Sound Pressure Level
Tested under 10Vrms @30cm
Beam Angle: Tested at 40.0Khz frequency
-90
-85
-80
-75
-70
-65
-60
-55
-50
35
36
37
38
39
40
41
42
43
44
45
Frequency (Khz)
90
95
100
105
110
115
120
125
130
100
1000
10000
100000
35
36
37
38
39
40
41
42
43
44
45
Frequency (Khz)
-90.0
-75.0
-60.0
-45.0
-30.0
-15.0
0.0
15.0
30.0
45.0
60.0
75.0
90.0
0
30
60
90
120
150
180
210
240
270
300
330
0
-6
-12
-18
-24
-30
Supplied by Midas Components Ltd - 01493 602602 - www.midascomponents.co.uk


Similar Part No. - 400ST-R120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
Air Ultrasonic Ceramic Transducers
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
Air Ultrasonic Ceramic Transducers
400ST10P ETC-400ST10P Datasheet
96Kb / 2P
Air Ultrasonic Ceramic Transducers
400ST160 ETC-400ST160 Datasheet
96Kb / 2P
Air Ultrasonic Ceramic Transducers
400ST16B ETC-400ST16B Datasheet
96Kb / 2P
Air Ultrasonic Ceramic Transducers
More results

Similar Description - 400ST-R120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC40-18D ETC-TC40-18D Datasheet
30Kb / 1P
AIR ULTRASONIC SENSOR
400ST160 ETC-400ST160 Datasheet
96Kb / 2P
Air Ultrasonic Ceramic Transducers
logo
Panasonic Semiconductor
EFRRUB40K5 PANASONIC-EFRRUB40K5 Datasheet
454Kb / 5P
Ultrasonic Ceramic Sensors
logo
List of Unclassifed Man...
EPM121 ETC2-EPM121 Datasheet
18Kb / 1P
Piezo Ceramic Transducers
logo
Sensortechnics GmbH
AD8-0000-E01 SENSORTECHNICS-AD8-0000-E01 Datasheet
66Kb / 3P
Ultrasonic air bubble and air-in-line sensors
logo
Ohmite Mfg. Co.
OMT110 OHMITE-OMT110 Datasheet
41Kb / 1P
Piezo Ceramic Audio Transducers
logo
List of Unclassifed Man...
400SR100 ETC2-400SR100 Datasheet
89Kb / 2P
Air Ultrasonic Ceramic Transducers
400ST100 ETC2-400ST100 Datasheet
89Kb / 2P
Air Ultrasonic Ceramic Transducers
500MB120 ETC2-500MB120 Datasheet
121Kb / 1P
Air Ultrasonic Ceramic Transducers
logo
Pro-Wave Electronic Cor...
250ST160 PRO-WAVE-250ST160 Datasheet
417Kb / 2P
Air Ultrasonic Ceramic Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com