Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2002 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SA2002
Description  FOR HIGH CURRENT APPLICATION SILICON PNP EPITAXIAL TYPE MICRO(FRAME TYPE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SA2002 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SA2002 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SA2002 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SA2002 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - 2SA2002

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA2004 PANASONIC-2SA2004 Datasheet
34Kb / 1P
Silicon PNP epitaxial planer type
logo
Inchange Semiconductor ...
2SA2004 ISC-2SA2004 Datasheet
268Kb / 2P
Silicon PNP Power Transistor
logo
Rohm
2SA2005 ROHM-2SA2005 Datasheet
53Kb / 2P
For Audio Amplifier output - TV Velosity Modulation (-160V,-1.5A)
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A
More results

Similar Description - 2SA2002

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA1365 ISAHAYA-2SA1365 Datasheet
125Kb / 3P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
List of Unclassifed Man...
2SC5485 ETC-2SC5485 Datasheet
89Kb / 3P
FOR HIGH CURRENT APPLICATION SILICON NPN EPITAXIAL TYPE MICRO
logo
Isahaya Electronics Cor...
2SA1946 ISAHAYA-2SA1946 Datasheet
123Kb / 3P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA1363 ISAHAYA-2SA1363 Datasheet
148Kb / 4P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA1398 ISAHAYA-2SA1398 Datasheet
124Kb / 3P
FOR HIGH CURRENT APPLICATION SILICON PNP EPITAXIAL TYPE
2SA2167 ISAHAYA-2SA2167 Datasheet
131Kb / 3P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
2SA1998 ISAHAYA-2SA1998 Datasheet
99Kb / 4P
FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE MICRO(FRAME TYPE)
INA5005AC1 ISAHAYA-INA5005AC1 Datasheet
115Kb / 2P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
INA5006AC1 ISAHAYA-INA5006AC1 Datasheet
115Kb / 2P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
INA6001AC1 ISAHAYA-INA6001AC1 Datasheet
115Kb / 2P
FOR HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com