Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

767 Datasheet(PDF) 1 Page - CTS Corporation

Part # 767
Description  Leaded Surface Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

767 Datasheet(HTML) 1 Page - CTS Corporation

  767 Datasheet HTML 1Page - CTS Corporation 767 Datasheet HTML 2Page - CTS Corporation 767 Datasheet HTML 3Page - CTS Corporation 767 Datasheet HTML 4Page - CTS Corporation 767 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
January 2008
CTS Electronic Components
Leaded Surface Mount 767 Series
www.ctscorp.com
Resistance Tolerance:
Resistance Range:
Standard: ±2% or 0.5Ω (whichever is greater)
Standard: 10Ω to 1 MegΩ
Special: ±0.25% or 0.3Ω (whichever is greater)
Operating Temperature Range:
Dielectric Strength:
-55°C to +125°C
100 VAC
Temperature Coefficient:
Maximum Operating Voltage:
Standard: 100Ω to 1 MegΩ
50V not to exceed rated power
100PPM/°C typical
10Ω to 99Ω
±200PPM/°C typical
Power Rating (Total Network Power):
14 Pin
16 Pin
@25°C
2.0w
2.3w
@70°C
1.3w
1.5w
Maximum Resistor Power:
(Not to Exceed Total Network Power)
Schematic
1
3
5
7
@25°C
0.15w
0.30w
0.15w
0.15w
@70°C
0.10w
0.20w
0.10w
0.10w
Features
• Medium Body Design
• Solid Ceramic Construction
• No Internal Dendrite Growth
• Meets EIA PDP SOGN-0001 Outline
• Packaged in Tape & Reel or Slide Packs
• Application Specific Circuits Are Available
• Compatible With Reflow Solder Process
• RoHS Compliant
Leaded Surface Mount Series 767
Technical
Data


Similar Part No. - 767

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
767 ETC2-767 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
3M Electronics
767 3M-767 Datasheet
131Kb / 5P
3M??Hazard Marking Vinyl Tape 767
logo
Keystone Electronics Co...
767 KEYSTONE-767 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Fox Electronics
767-100-35 FOX-767-100-35 Datasheet
38Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
01/15/2008
767-125-26 FOX-767-125-26 Datasheet
38Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
01/15/2008
More results

Similar Description - 767

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768 CTS-768 Datasheet
147Kb / 5P
Leaded Surface Mount
766 CTS-766 Datasheet
140Kb / 5P
Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
Surface Mount Self-Leaded Inductor
5/30/00
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
Surface Mount Self-Leaded Inductor
5/30/00
L-15300 RHOMBUS-IND-L-15300 Datasheet
25Kb / 1P
Self-Leaded Surface Mount Inductors
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com